Electronic Components Datasheet Search
  English  ▼

X  

CY7C024 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C024
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C024 Datasheet HTML 2Page - Cypress Semiconductor CY7C024 Datasheet HTML 3Page - Cypress Semiconductor CY7C024 Datasheet HTML 4Page - Cypress Semiconductor CY7C024 Datasheet HTML 5Page - Cypress Semiconductor CY7C024 Datasheet HTML 6Page - Cypress Semiconductor CY7C024 Datasheet HTML 7Page - Cypress Semiconductor CY7C024 Datasheet HTML 8Page - Cypress Semiconductor CY7C024 Datasheet HTML 9Page - Cypress Semiconductor CY7C024 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CY7C024/0241
CY7C025/0251
Document #: 38-06035 Rev. *B
Page 6 of 20
Electrical Characteristics Over the Operating Range (continued)
7C024/0241–35
7C025/0251–35
7C024/0241–55
7C025/0251–55
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Min. Typ. Max. Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
2.2
V
VIL
Input LOW Voltage
–0.7
0.8
–0.7
0.8
V
IIX
Input Leakage Current
GND
≤ V
I ≤ VCC
–10
+10
–10
+10
µA
IOZ
Output Leakage Current Output Disabled, GND
≤ V
O ≤ VCC
–10
+10
–10
+10
µA
ICC
Operating Current
VCC = Max., IOUT = 0 mA,
Outputs Disabled
Com’l
160
230
150
230
mA
Ind
160
260
150
260
ISB1
Standby Current
(Both Ports TTL Levels)
CEL and CER ≥ VIH,
f = fMAX
[8]
Com’l
30
50
20
50
mA
Ind
30
65
20
65
ISB2
Standby Current
(One Port TTL Level)
CEL or CER ≥ VIH,
f = fMAX
[8]
Com’l
85
135
75
135
mA
Ind
85
150
75
150
ISB3
Standby Current
(Both Ports CMOS
Levels)
Both Ports CE and CER ≥
VCC – 0.2V, VIN ≥ VCC – 0.2V
or VIN ≤ 0.2V, f = 0
[8]
Com’l
3
15
3
15
mA
Ind
3
15
3
15
ISB4
Standby Current
(Both Ports CMOS
Levels)
One Port CEL or
CER ≥ VCC – 0.2V,
VIN ≥ VCC – 0.2V or VIN ≤ 0.2V,
Active Port Outputs, f = fMAX
[8]
Com’l
80
120
70
120
mA
Ind
80
135
70
135
Capacitance[9]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25×C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF
AC Test Loads and Waveforms
Note:
9.
Tested initially and after any design or process changes that may affect these parameters.
3.0V
GND
90%
90%
10%
3ns
3 ns
10%
ALL INPUT PULSES
(a) Normal Load (Load 1)
R1 = 893
Ω
5V
OUTPUT
R2 = 347
Ω
C= 30 pF
VTH =1.4V
OUTPUT
C= 30pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay (Load 3)
C = 30 pF
OUTPUT
Load (Load 2)
7C024–8
7C024–9
7C024–10
7C024–11
7C024–12
R1 = 893
Ω
R2 = 347
Ω
5V
OUTPUT
C= 5 pF
RTH = 250Ω
≤
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com