Electronic Components Datasheet Search
  English  ▼

X  

EC3210 Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # EC3210
Description  1.5MHz, 800mA, Synchronous Step-Down Regulator Dropout
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3210 Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button EC3210 Datasheet HTML 6Page - E-CMOS Corporation EC3210 Datasheet HTML 7Page - E-CMOS Corporation EC3210 Datasheet HTML 8Page - E-CMOS Corporation EC3210 Datasheet HTML 9Page - E-CMOS Corporation EC3210 Datasheet HTML 10Page - E-CMOS Corporation EC3210 Datasheet HTML 11Page - E-CMOS Corporation EC3210 Datasheet HTML 12Page - E-CMOS Corporation EC3210 Datasheet HTML 13Page - E-CMOS Corporation EC3210 Datasheet HTML 14Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EC3210
1.5MHz, 800mA, Synchronous
Step-Down Regulator Dropout
E-CMOS Corp. (www.ecmos.com.tw)
Page 10 of 16
3I06N-Rev.F003
Function Description
the EA
amplifier’s output rises above the sleep threshold
Main Control Loop
The EC3210 uses a constant frequency, current mode
step-down
architecture.
Both
the
main
(P-channel
MOSFET)
and
synchronous
(N-channel
MOSFET)
switches
are internal. During normal operation, the
internal top power MOSFET is turned on each cycle
when the oscillator sets the RS latch, and turned off
when the current comparator, ICOMP, resets the RS
latch. The peak inductor current at which ICOMP resets
the RS latch, is controlled by the output of error amplifier
EA. When the load current increases, it causes a slight
decrease in the feedback voltage, FB, relative to the 0.6V
reference, which in turn,causes the EA
amplifier’s output
voltage to increase until the average inductor current
matches the new load
current. While the
top
MOSFET is off, the bottom MOSFET is turned on until
either the inductor current starts to reverse, as indicated
by the current reversalcomparator IRCMP, or the
beginning of the next clock cycle.
Burst Mode Operation
The EC3210 is capable of Burst Mode operation in which
the internal power MOSFETs operate intermittently
based on load demand.
In Burst Mode operation, the peak current of the inductor
is set to approximately 200mA regardless of the output
load. Each burst event can last from a few cycles at light
loads to almost continuously cycling with short sleep
intervals at moderate loads. In between these burst
events, the power MOSFETs and any unneeded circuitry
are turned off, reducing the quiescent current to 30uA. In
this sleep state, the load current is being supplied solely
from the output capacitor. As the output voltage droops,
signaling the BURST comparator to trip and turn the top
MOSFET on. This process repeats at a rate that is
dependent on the load demand.
Short-Circuit Protection
When the output is shorted to ground, the frequency of
the oscillator is reduced to about 400kHz, 1/4 the
nominal frequency. This frequency foldback ensures that
the inductor current has more time to decay, thereby
preventing runaway. The
oscillator’s frequency will
progressively increase to 1.5MHz when VFB or VOUT
rises above 0V.
Dropout Operation
As the input supply voltage decreases to a value
approaching the output voltage, the duty cycle increases
toward the maximum on-time. Further reduction of the
supply voltage forces the main switch to remain on for
more than one cycle until it reaches 100% duty cycle.
The output voltage will then be determined by the input
voltage minus the voltage drop across the P-channel
MOSFET and the inductor.
An important detail to remember is that at low input
supply voltages, the RDS(ON) of the P-channel switch
increases (see Typical Performance Characteristics).
Therefore, the user should calculate the power
dissipation when the EC3210 is used at 100% duty cycle
with low input voltage (See Thermal Considerations in
the Applications Information section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com