Electronic Components Datasheet Search
  English  ▼

X  

CS61884-IB Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS61884-IB
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884-IB Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS61884-IB Datasheet HTML 53Page - Cirrus Logic CS61884-IB Datasheet HTML 54Page - Cirrus Logic CS61884-IB Datasheet HTML 55Page - Cirrus Logic CS61884-IB Datasheet HTML 56Page - Cirrus Logic CS61884-IB Datasheet HTML 57Page - Cirrus Logic CS61884-IB Datasheet HTML 58Page - Cirrus Logic CS61884-IB Datasheet HTML 59Page - Cirrus Logic CS61884-IB Datasheet HTML 60Page - Cirrus Logic CS61884-IB Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
CS61884
DS485PP4
57
19.6 Jitter Attenuator Characteristics
(TA = -40
°Cto85°C; TV+, RV+ = 3.3 V ±5%; GND = 0 V)
Notes: 18. Attenuation measured with sinusoidal input filter equal to 3/4 of measured jitter tolerance. Circuit
attenuates jitter at 20 dB/decade above the corner frequency. Output jitter can increase significantly
when more than 28 UI’s are input to the attenuator.
19. Measurement is not effected by the position of the Jitter Attenuator.
Parameter
Min.
Typ
Max
Units
Jitter Attenuator Corner Frequency
T1/J1 Modes
Note 11, 19
T1/J1 Modes
E1 Modes
(Depends on JACF Bit in host mode)
E1 Modes
-
-
-
-
3.78
7.56
1.25
2.50
-
-
-
-
Hz
E1 Jitter Attenuation
3 Hz to 40 Hz
Note 11, 18
400 Hz to 100 kHz
+0.5
- 19.5
-
-
-
-
dB
T1/J1 Jitter Attenuation
1 Hz to 20 Hz
1kHz
Note 11, 18
1.4KHz to 100KHz
0
- 33.3
-40
-
-
-
-
-
-
dB
Attenuator Input Jitter Tolerance before FIFO
32-bit FIFO
over flow and under flow
Note 11
64-bit FIFO
-
-
24
56
-
-
UI
UI
Delay through Jitter Attenuator Only
32-bit FIFO
Note 11
64-bit FIFO
-
-
16
32
-
-
UI
UI
Intrinsic Jitter in Remote Loopback
Notes 11, 17
--
0.11
UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com