Electronic Components Datasheet Search
  English  ▼

X  

EC5420AI-G Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC5420AI-G
Description  High Slew Rate Rail-to-Rail Quad Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5420AI-G Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC5420AI-G Datasheet HTML 2Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 3Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 4Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 5Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 6Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 7Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 8Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 9Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 10Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EC5420A
High Slew Rate Rail-to-Rail
Quad Operational Amplifiers
E-CMOS Corp. (www.ecmos.com.tw)
Page 9 of 10
Revision 2008/12/25
Power Supply Bypassing and Printed Circuit Board Layout
With high phase margin, the EC5420A performs stable gain at high frequency. Like any high-frequency device, good
layout of the printed circuit board usually comes with optimum performance. Ground plane construction is highly
recommended, lead lengths should be as short as possible and the power supply pins must be well bypassed to
reduce the risk of oscillation. For normal single supply operation, where the VS- pin is connected to ground, a 0.1 µF
ceramic capacitor should be placed from VS+ pin to VS- pin as a bypassing capacitor. A 4.7µF tantalum capacitor should
then be connected in parallel, placed in the region of the amplifier. One 4.7µF capacitor may be used for multiple
devices. This same capacitor combination should be placed at each supply pin to ground if split supplies are to be
used.
Layout arragement
LEAD POSITION OVERLAY FOR TSSOP-14 ( millimeters )



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com