Electronic Components Datasheet Search
  English  ▼

X  

SS22F Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SS22F
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SS22F Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SS22F Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SS22F Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbol
SS22F SS23F SS24F SS25F SS26F SS28F SS210F SS215F SS220F
Unit
Characteristic
Surge Overload Rating to 50A Peak
Case: SMAF, Molded Plastic
Weight: 0.037 grams (approx.)
Guard Ring Die Construction
Classification Rating 94V-O
Ideally Suited for Automatic Assembly
For Use in Low Voltage Application
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Typical Junction Capacitance
0.55
0.70
0.85
0.95
V
2.0
A
14
21
28
35
42
56
70
105
140
V
20
30
40
50
60
80
100
150
200
V
SS22F - SS220F
Features
!
Schottky Barrier Chip
!
!
Low Power Loss, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 75°C
IO
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 2.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
20
mA
RJL
RJA
28
88
°C/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Mounted on P.C. Board with 5.0mm2 copper pad area.
1 of 2
SS22F - SS220F
Typical Thermal Resistance (Note 1)
j
C
110
30
110
pF
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
SMAF
3.60
3.20
2.80
2.40
Dim
Min
Max
A
B
C
D
E
F
G
All Dimensions in mm
0.20
0.10
4.80
4.40
1.10
0.90
0.90
-
1.43
1.38
A
B
C
D
F
E
G
Alldatasheet


Similar Part No. - SS22F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS22F ETC2-SS22F Datasheet
526Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS22F CHENDA-SS22F Datasheet
628Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS22F YFWDIODE-SS22F Datasheet
160Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Microdiode Semiconducto...
SS22F CHENDA-SS22F Datasheet
812Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS22F DGNJDZ-SS22F Datasheet
120Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS22F

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK22 WTE-SK22_06 Datasheet
46Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR22 WTE-SR22_06 Datasheet
46Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SK22 ZSELEC-SK22 Datasheet
122Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22 ZSELEC-SS22 Datasheet
64Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22BF ZSELEC-SS22BF Datasheet
87Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22W ZSELEC-SS22W Datasheet
170Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS22W ZSELEC-DS22W Datasheet
138Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DSK22 ZSELEC-DSK22 Datasheet
139Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
20BQ020 ZSELEC-20BQ020 Datasheet
151Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS220S ZSELEC-SS220S Datasheet
93Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com