Electronic Components Datasheet Search
  English  ▼

X  

DP0881 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DP0881
Description  GAAS 1 SECTION PHASE SHIFTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DP0881 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DP0881 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.xx = .02
.xxx = .010
4
23
GND
2
24
1
180
°
CONT
“1”
+5V
GND
THRU
21
GND
180
°
•
•
RF
IN/OUT
3
•
RF
OUT/IN
22
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1030
1110
MHz
DC Current
0.2
5
mA
At +5 VDC
±10% Supply
Control Type
TTL
1 Line
Logic “0” = Thru
Logic “1” = Phase Shift
Control Current
High
0
±20 µA
VIH = +2.7 V
Low
0
±20 µA
VIL = +0.5 V
Insertion Loss
1.4
1.6
dB
Stability
-0.2
±0.5 dB
Insertion Phase in Thru Cond.
-148
-151
-154
DEG
In T/F 200C2437
Phase Shift
LSB
0
DEG
At Fc
Range
0
180
DEG
180
Accuracy
+0.5
±3 DEG
VSWR
1.1/1
1.3/1
Impedance
50
OHMS
Switching Speed
26
100
nSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
18
nSec
90% / 10% or 10% / 90% RF
Switching (Video) Transients
40
mV
Peak Value
Intercept Points
2nd
+88
dBm
214 MHz / 127 MHz
3rd
+46
dBm
107 MHz / 127 MHz
RF Power
Operate
+18
+15
dBm
0.1 dB Compression
No Damage
+27
dBm
Operating Temperature
-55
+25
+70
°CTA
GUARANTEED PERFORMANCE
TYPICAL PERFORMANCE
at 25
°C
3000
1000
400
100
1.2
1.6
1.8
2.0
2.2
0.4
1.2
1.6
2.0
2.4
1.0
0
1.4
0.8
FREQUENCY (MHz)
VSWR
I. LOSS
MODEL NO.
DP0881
GaAs 1 Section Phase Shifter
FEATURES
1030 - 1110 MHz
±3.0 Deg. Phase Accuracy
0.2 mA @ +5 VDC
Constant Insertion Loss
26 nSec Switching Speed
TTL Control
24 Pin DIP
1 BIT
D A ICO
I ndustries
Rev. A / Iss. 1
COLOR BEAD
CONTRASTING
.600
.100 TYP
.018
±.002 DIA
24 PLACES
PART IDENTIFICATION
.20
1
12
13
24
.20
.77
1.100
1.27


Similar Part No. - DP0881

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DP0877 DAICO-DP0877 Datasheet
36Kb / 1P
3 Section Phase Shifter / Amplifier/ Switch
DP0891 DAICO-DP0891 Datasheet
32Kb / 1P
GAAS 5 SECTION PHASE SHIFTER
More results

Similar Description - DP0881

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DP0891 DAICO-DP0891 Datasheet
32Kb / 1P
GAAS 5 SECTION PHASE SHIFTER
DP0921 DAICO-DP0921 Datasheet
30Kb / 1P
Phase Shifter 6 Section
CPS42126 DAICO-CPS42126 Datasheet
184Kb / 1P
Phase Shifter 4 Section
CPS42127 DAICO-CPS42127 Datasheet
176Kb / 1P
Phase Shifter 4 Section
CPS49092 DAICO-CPS49092 Datasheet
194Kb / 1P
Phase Shifter 4 Section
CPS49093 DAICO-CPS49093 Datasheet
213Kb / 1P
Phase Shifter, 4 Section
DPS38017 DAICO-DPS38017 Datasheet
25Kb / 1P
3 Section Phase Shifter
DPS42028 DAICO-DPS42028 Datasheet
169Kb / 1P
Phase Shifter 4 Section
DPS42029 DAICO-DPS42029 Datasheet
175Kb / 1P
Phase Shifter 4 Section
DPS89032 DAICO-DPS89032 Datasheet
167Kb / 1P
Phase Shifter 8 Section
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com