Electronic Components Datasheet Search
  English  ▼

X  

EC24C64C Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC24C64C
Description  64K bits Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C64C Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC24C64C Datasheet HTML 1Page - E-CMOS Corporation EC24C64C Datasheet HTML 2Page - E-CMOS Corporation EC24C64C Datasheet HTML 3Page - E-CMOS Corporation EC24C64C Datasheet HTML 4Page - E-CMOS Corporation EC24C64C Datasheet HTML 5Page - E-CMOS Corporation EC24C64C Datasheet HTML 6Page - E-CMOS Corporation EC24C64C Datasheet HTML 7Page - E-CMOS Corporation EC24C64C Datasheet HTML 8Page - E-CMOS Corporation EC24C64C Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
EC24C64C
64K bits Two-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 17
5C26N-Rev.F001
Pin No.
Pin Name
I/O
Definition
1
A0
I
Device Address Input
2
A1
I
Device Address Input
3
A2
I
Device Address Input
4
GND
-
Ground
5
SDA
I/O
Serial Address and Data input and Data out put
6
SCL
I
Serial Clock Input
7
WP
I
Write Protect Input
8
VCC
-
Power Supply
Pin Configuration
(SOP 8L / TSSOP 8L / MSOP 8L)
(DFN 8L)
Pin Definition
Pin Descriptions
SCL
This input clock pin is used to synchronize the data transfer to and from the device.
SDA
The SDA is a bi-directional pin used to transfer addresses and data into and out of the device. The SDA pin is
an open drain output and can be wired with other open drain or open collector outputs. However, the SDA pin
requires a pull-up resistor connected to the power supply.
A0, A1, A2
The A0, A1 and A2 are the device address inputs. Typically, the A0, A1, and A2 pins are for hardware
addressing and a total of 8 devices can be connected on a single bus system. When A0, A1, and A2 are left
floating, the inputs are defaulted to zero.
WP
WP is the Write Protect pin. While the WP pin is connected to the power supply of EC24C64C, the entire array
becomes Write Protected (i.e. the device becomes Read only). When WP is tied to Ground or left floating, the
normal write operations are allowed.
VCC
Supply voltage
GND
Ground of supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com