Electronic Components Datasheet Search
  English  ▼

X  

EC3207 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC3207
Description  1.5MHz,1.4A, Synchronous Step Down DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3207 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC3207 Datasheet HTML 1Page - E-CMOS Corporation EC3207 Datasheet HTML 2Page - E-CMOS Corporation EC3207 Datasheet HTML 3Page - E-CMOS Corporation EC3207 Datasheet HTML 4Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EC3207
1.5MHz,1.4A, Synchronous
Step Down DC/DC Converter
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 4
5D01N-Rev.F001
Descriptions
The EC3207 is a
high-efficiency, DC-to-DC Step-down switching regulators, capable of delivering up to 1.4A of
output current. The device operates from an input voltage range of 2.5V to 6.0V and provides an output voltage
from 0.6V to VIN, making the
EC3207 ideal for low voltage power conversions. Running at a fixed frequency of
1.5MHz allows the use of small external components, such
as ceramic
input and
output caps, as well as small
inductors, while still providing low output ripples. This low noise output along with its excellent efficiency achieved by
the internal synchronous rectifier, making EC3207 an ideal green replacement for large power consuming
linear regulators.
Internal
soft-start control
circuitry reduces
inrush
current.
Short-circuit
and
thermal overload
protection improves design reliability.
Feature
■ Duty-cycle 0 to 100%
■ 1.4A Output current
■ High Efficiency Up To 96%
■ 2.5V to 6.0V Input Voltage Range
■ Fixed 1.5MHz Frequency
■ Logic Control Shutdown IQ<1μA
■ Thermal Shutdown
■ Output Adjustable from 0.6V to Input Voltage
Application
■ Digital Framer
■ PDA and Pocket PC
■ Cellular Phone and Smart Phone
■ Wireless Devices
■ Battery Powered Widgets
■ Portable Media Players
■ Electronic Scales
Ordering Information
EC3207NN B2 X
B2:SOT23-5L
R:Tape & Reel


Similar Part No. - EC3207

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC320 DFI-EC320 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC320-CR4866 DFI-EC320-CR4866 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC320-CR6881 DFI-EC320-CR6881 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC320-CR6G60 DFI-EC320-CR6G60 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC320-CRA060 DFI-EC320-CRA060 Datasheet
1Mb / 4P
Modular-Designed Embedded System
More results

Similar Description - EC3207

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1335 AMSCO-AS1335 Datasheet
1Mb / 18P
1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3510 UNIONSEMI-UM3510 Datasheet
221Kb / 10P
1.0A, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
BCD Semiconductor Manuf...
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
E-CMOS Corporation
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
1A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com