Electronic Components Datasheet Search
  English  ▼

X  

EC3284S Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC3284S
Description  3A 28V Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3284S Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC3284S Datasheet HTML 1Page - E-CMOS Corporation EC3284S Datasheet HTML 2Page - E-CMOS Corporation EC3284S Datasheet HTML 3Page - E-CMOS Corporation EC3284S Datasheet HTML 4Page - E-CMOS Corporation EC3284S Datasheet HTML 5Page - E-CMOS Corporation EC3284S Datasheet HTML 6Page - E-CMOS Corporation EC3284S Datasheet HTML 7Page - E-CMOS Corporation EC3284S Datasheet HTML 8Page - E-CMOS Corporation EC3284S Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3A 28V Synchronous Buck
Converter
EC3284S
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 9
5F17N-Rev.F002
3
Recommended Operating Conditions
Electrical Characteristics
(VIN = 12V, TJ = 25℃ unless otherwise specified.)
Note: * Guaranteed by design, not tested
Parameter
Symbol
Value
Units
Supply Input Voltage
VIN
4.5 to +28
V
Operating Junction Temperature
TJ
-20 to +125
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Feedback Voltage
VFB
4.5V
≤ VIN ≤ 28V
0.9
0.925
0.95
V
Feedback Overvoltage Threshold
1.1
V
High-Side Switch-On Resistance*
90
m
Ω
Low-Side Switch-On Resistance*
70
m
Ω
High-Side Switch Leakage
VEN = VSW = 0V
,
0.1
10
uA
Upper Switch Current Limit*
Min Duty Cycle
3.8
4.5
A
Lower Switch Current Limit*
From Drain to
Source
1.2
A
COMP to Current Limit Trans conductance
GCOMP
5.2
A/V
Error Amplifier Trans conductance
GEA
ΔICOMP = ±10uA
900
uA/V
Error Amplifier DC Gain*A
VEA
400
V/V
Switching Frequency
fSW
300
340
380
KHz
Short Circuit Switching Frequency
VFB = 0V
100
KHz
Minimum Duty Cycle
DMIN
7.5
%
Maximum Duty Cycle
DMAX
92
%
EN Shutdown Threshold Voltage
VEN Rising
1.1
1.4
2
V
EN Shutdown Threshold Voltage Hysteresis
180
mV
EN Lockout Threshold Voltage
2.2
2.5
2.7
V
EN Lockout Hysteresis
150
mV
Supply Current in Shutdown
VEN = 0V
0.3
3.0
uA
IC Supply Current in Operation
VEN = 3V, VFB=1V
1.3
1.5
mA
Input UVLO Threshold Rising
UVLO
VEN Rising
3.8
4.0
4.4
V
Input UVLO Threshold Hysteresis
150
mV
Soft-start Current
VSS = 0V
6
uA
Soft-start Period
CSS =0.1uF
15
mS
Thermal Shutdown Temperature*
Hysteresis=25°C
155
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com