Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4051 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4051
Description  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4051 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CD54HC4051 Datasheet HTML 11Page - Texas Instruments CD54HC4051 Datasheet HTML 12Page - Texas Instruments CD54HC4051 Datasheet HTML 13Page - Texas Instruments CD54HC4051 Datasheet HTML 14Page - Texas Instruments CD54HC4051 Datasheet HTML 15Page - Texas Instruments CD54HC4051 Datasheet HTML 16Page - Texas Instruments CD54HC4051 Datasheet HTML 17Page - Texas Instruments CD54HC4051 Datasheet HTML 18Page - Texas Instruments CD54HC4051 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15
FIGURE 16. CHANNEL ON BANDWIDTH (HC/HCT4053)
FIGURE 17. CHANNEL OFF FEEDTHROUGH (HC/HCT4053)
Typical Performance Curves (Continued)
0
-1
-2
-3
-4
FREQUENCY (Hz)
10K
100K
1M
10M
100M
VCC = 2.25V
GND = -2.25V
VEE = -2.25V
RL = 50Ω
PIN 5 TO 4
VCC = 4.5V
GND = -4.5V
VEE = -4.5V
RL = 50Ω
PIN 5 TO 4
FREQUENCY (Hz)
10K
100K
1M
10M
100M
-80
-100
VCC = 2.25V
GND = -2.25V
VEE = -2.25V
RL = 50Ω
PIN 5 TO 4
0
-40
-60
-20
VCC = 4.5V
GND = -4.5V
VEE = -4.5V
RL = 50Ω
PIN 5 TO 4
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com