Electronic Components Datasheet Search
  English  ▼

X  

EC5604 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC5604
Description  18V High Performance Rail-to-Rail Quad Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5604 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC5604 Datasheet HTML 1Page - E-CMOS Corporation EC5604 Datasheet HTML 2Page - E-CMOS Corporation EC5604 Datasheet HTML 3Page - E-CMOS Corporation EC5604 Datasheet HTML 4Page - E-CMOS Corporation EC5604 Datasheet HTML 5Page - E-CMOS Corporation EC5604 Datasheet HTML 6Page - E-CMOS Corporation EC5604 Datasheet HTML 7Page - E-CMOS Corporation EC5604 Datasheet HTML 8Page - E-CMOS Corporation EC5604 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
18V High Performance Rail-to-Rail
EC5604
Quad Operational Amplifiers
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 10
2010/12/27
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Values beyond absolute maximum ratings may cause permanent damage to the device. These are
stress ratings only; functional device operation is not implied. Exposure to AMR conditions for
extended periods may affect device reliability.
Supply Voltage between VS+ and VS-
+20V
Input Voltage
VS- -0.5V, VS++0.5V
Maximum Continuous Output Current
100mA
Maximum Die Temperature
+125°C
Storage Temperature
-65°C to +150°C
Operating Temperature
-40°C to +85°C
Lead Temperature
260°C
ESD Voltage
2kV
Important Note:
All parameters having Min/Max specifications are guaranteed. Typical values are for information
purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed
tests, therefore: TJ = TC = TA
ELECTRICAL CHARACTERISTICS
VS+= +5V, VS - = -5V, RL = 10kΩ and CL = 10pF to 0V, TA = 25°C unless otherwise specified.
Parameter Description
Condition
Min Typ Max Units
Input Characteristics
VOS
Input Offset Voltage
VCM= 0V
2
12
mV
TCVOS
Average Offset Voltage Drift
[1]
5
µV/°C
IB
Input Bias Current
VCM= 0V
2
50
nA
RIN
Input Impedance
1
G
CIN
Input Capacitance
1.35
pF
CMIR
Common-Mode Input Range
-0.5
+5.5
V
CMRR
Common-Mode Rejection
Ratio
for VIN from -0.5V to 5.5V
50
70
dB
AVOL
Open-Loop Gain
-4.5V≦VOUT≦4.5V
75
90
dB
Output Characteristics
VOL
Output Swing Low
IL=-5mA
-4.92 -4.85
mV
VOH
Output Swing High
IL=5mA
4.85 4.92
V
ISC
Short Circuit Current
±350
mA
IOUT
Output Current
±100
mA
Source Current: I load
VOUT to GND
IPK
Peak Output Current
VS+=18V, VIN= VS+/2
VS-=0V
Sink Current: I load
VOUT to VS+
550
mA
Power Supply Performance
PSRR
Power Supply Rejection Ratio VS is moved from ±2.25V to ±7.75V
60
80
dB
IS
Supply Current (Per Amplifier) No Load,
2
mA
Dynamic Performance
SR
Slew Rate [2]
-4.0V≦VOUT≦4.0V, 20% to 80%
40
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO=2V Step
500
ns
BW
-3dB Bandwidth
RL = 10kΩ , CL=10pF
30
MHz
GBWP
Gain-Bandwidth Product
RL = 10kΩ , CL =10pF
20
MHz
PM
Phase Margin
RL = 10kΩ , CL = 10 pF
50
Degrees
CS
Channel Separation
f = 1 MHz
75
dB
TSD
Thermal Shutdown
150
°C
1. Measured over operating temperature range
2. Slew rate is measured on rising and falling edges



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com