Electronic Components Datasheet Search
  English  ▼

X  

GS8342Q36BD-333I Datasheet(PDF) 1 Page - GSI Technology

Part # GS8342Q36BD-333I
Description  36Mb SigmaQuad-IITM Burst of 2 SRAM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342Q36BD-333I Datasheet(HTML) 1 Page - GSI Technology

  GS8342Q36BD-333I Datasheet HTML 1Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 2Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 3Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 4Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 5Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 6Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 7Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 8Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
GS8342Q08/09/18/36BD-357/333/300/250
36Mb SigmaQuad-IITM
Burst of 2 SRAM
357 MHz–250 MHz
1.8 V VDD
1.8 V and 1.5 V I/O
165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.02c 8/2017
1/34
© 2011, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Simultaneous Read and Write SigmaQuad™ Interface
• JEDEC-standard pinout and package
• Dual Double Data Rate interface
• Byte Write controls sampled at data-in time
• Burst of 2 Read and Write
• 1.8 V +100/–100 mV core power supply
• 1.5 V or 1.8 V HSTL Interface
• Pipelined read operation
• Fully coherent read and write pipelines
• ZQ pin for programmable output drive strength
• IEEE 1149.1 JTAG-compliant Boundary Scan
• Pin-compatible with present 144 Mb devices
• 165-bump, 13 mm x 15 mm, 1 mm bump pitch BGA package
• RoHS-compliant 165-bump BGA package available
SigmaQuad™ Family Overview
The GS8342Q08/09/18/36BD are built in compliance with the
SigmaQuad-II SRAM pinout standard for Separate I/O
synchronous SRAMs. They are 37,748,736-bit (36Mb)
SRAMs. The GS8342Q08/09/18/36BD SigmaQuad SRAMs
are just one element in a family of low power, low voltage
HSTL I/O SRAMs designed to operate at the speeds needed to
implement economical high performance networking systems.
Clocking and Addressing Schemes
The GS8342Q08/09/18/36BD SigmaQuad-II SRAMs are
synchronous devices. They employ two input register clock
inputs, K and K. K and K are independent single-ended clock
inputs, not differential inputs to a single differential clock input
buffer. The device also allows the user to manipulate the
output register clock inputs quasi independently with the C and
C clock inputs. C and C are also independent single-ended
clock inputs, not differential inputs. If the C clocks are tied
high, the K clocks are routed internally to fire the output
registers instead.
Each internal read and write operation in a SigmaQuad-II B2
RAM is two times wider than the device I/O bus. An input data
bus de-multiplexer is used to accumulate incoming data before
it is simultaneously written to the memory array. An output
data multiplexer is used to capture the data produced from a
single memory array read and then route it to the appropriate
output drivers as needed. Therefore the address field of a
SigmaQuad-II B2 RAM is always one address pin less than the
advertised index depth (e.g., the 4M x 8 has an 2M addressable
index).
Parameter Synopsis
-357
-333
-300
-250
tKHKH
2.8 ns
3.0 ns
3.3 ns
4.0 ns
tKHQV
0.45 ns
0.45 ns
0.45 ns
0.45 ns


Similar Part No. - GS8342Q36BD-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342Q36E-167 GSI-GS8342Q36E-167 Datasheet
1Mb / 34P
36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q36E-167I GSI-GS8342Q36E-167I Datasheet
1Mb / 34P
36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q36E-200 GSI-GS8342Q36E-200 Datasheet
1Mb / 34P
36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q36E-200I GSI-GS8342Q36E-200I Datasheet
1Mb / 34P
36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q36E-250 GSI-GS8342Q36E-250 Datasheet
1Mb / 34P
36Mb SigmaQuad-II Burst of 4 SRAM
More results

Similar Description - GS8342Q36BD-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342S08 GSI-GS8342S08 Datasheet
502Kb / 35P
36Mb SigmaSIO DDR-IITM Burst of 2 SRAM
GS8342T08 GSI-GS8342T08 Datasheet
494Kb / 35P
36Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582Q18GE-333I GSI-GS82582Q18GE-333I Datasheet
484Kb / 32P
288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q36GE-333I GSI-GS82582Q36GE-333I Datasheet
484Kb / 32P
288Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342D08BGD-250 GSI-GS8342D08BGD-250 Datasheet
580Kb / 34P
36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8182Q18BD-300M GSI-GS8182Q18BD-300M Datasheet
446Kb / 35P
18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342D08BD-400 GSI-GS8342D08BD-400 Datasheet
580Kb / 34P
36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8182Q36BGD-167 GSI-GS8182Q36BGD-167 Datasheet
738Kb / 36P
18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342Q09BD-300I GSI-GS8342Q09BD-300I Datasheet
666Kb / 34P
36Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q18E-250I GSI-GS82582Q18E-250I Datasheet
625Kb / 31P
288Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com