Electronic Components Datasheet Search
  English  ▼

X  

BCP120T Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP120T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP120T Datasheet(HTML) 3 Page - BeRex Corporation

  BCP120T Datasheet HTML 1Page - BeRex Corporation BCP120T Datasheet HTML 2Page - BeRex Corporation BCP120T Datasheet HTML 3Page - BeRex Corporation BCP120T Datasheet HTML 4Page - BeRex Corporation BCP120T Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCP120T
PIN_POUT/Gain, PAE (18 GHz)
Frequency = 18GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Power)
Frequency = 18GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Gain)
S-PARAMETER (Vds = 8V, Ids = 50% Idss)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1
0.87
-107.97
14.78
119.26
0.032
41.51
0.27
-114.33
2
0.84
-145.40
8.59
97.61
0.038
33.64
0.28
-143.90
3
0.84
-163.59
5.95
85.22
0.040
30.50
0.30
-155.42
4
0.84
-174.83
4.52
75.95
0.045
31.72
0.31
-160.78
5
0.84
176.68
3.62
67.51
0.045
33.32
0.32
-164.63
6
0.85
169.41
3.01
59.98
0.048
34.78
0.34
-167.42
7
0.86
163.34
2.53
52.95
0.050
36.49
0.36
-170.61
8
0.86
157.55
2.21
46.07
0.051
39.56
0.37
-172.00
9
0.87
152.27
1.95
40.15
0.055
38.30
0.39
-175.10
10
0.88
147.45
1.74
34.08
0.057
39.28
0.41
-177.55
11
0.88
142.20
1.56
27.88
0.062
38.46
0.43
179.73
12
0.89
137.21
1.41
21.58
0.063
36.94
0.45
177.54
13
0.90
132.89
1.28
16.17
0.066
37.28
0.47
174.32
14
0.91
128.43
1.15
10.37
0.066
36.24
0.49
171.27
15
0.92
124.72
1.04
5.09
0.068
34.24
0.52
167.79
16
0.93
121.32
0.96
-0.15
0.070
32.48
0.55
164.44
17
0.93
118.18
0.86
-5.87
0.071
30.66
0.58
160.90
18
0.94
115.66
0.77
-10.08
0.069
26.37
0.60
157.59
19
0.94
114.16
0.69
-14.84
0.071
27.07
0.62
153.96
20
0.94
111.93
0.62
-19.23
0.074
25.55
0.65
151.27
21
0.95
110.61
0.56
-22.40
0.075
23.86
0.67
148.70
22
0.94
110.14
0.50
-26.10
0.078
22.88
0.69
146.17
23
0.94
109.48
0.45
-28.36
0.075
21.58
0.71
143.44
24
0.94
109.46
0.41
-30.96
0.076
20.17
0.74
141.85
25
0.95
109.38
0.37
-32.98
0.075
18.97
0.75
140.00
26
0.94
108.63
0.33
-34.75
0.074
21.22
0.76
139.27
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com