Electronic Components Datasheet Search
  English  ▼

X  

BCP120C Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP120C
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP120C Datasheet(HTML) 3 Page - BeRex Corporation

  BCP120C Datasheet HTML 1Page - BeRex Corporation BCP120C Datasheet HTML 2Page - BeRex Corporation BCP120C Datasheet HTML 3Page - BeRex Corporation BCP120C Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.berex.com
BeRex, Inc. 3350 Scott Blvd. #6101 Santa Clara 95054 tel. (408) 452-5595
February 2017
Specifications are subject to change without notice. ©BeRex 2017
Rev. 1.1
BCP120C
S-PARAMETERS (Vds = 8V, Ids = 180mA)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1.0
0.89
-96.37
14.58
124.56
0.031
41.61
0.32
-59.57
2.0
0.86
-135.03
8.94
101.11
0.037
28.72
0.26
-84.06
3.0
0.85
-154.35
6.30
87.04
0.039
24.32
0.25
-96.48
4.0
0.85
-166.92
4.82
76.51
0.039
23.30
0.25
-104.53
5.0
0.85
-176.70
3.89
67.06
0.039
25.12
0.26
-110.74
6.0
0.86
175.03
3.24
58.26
0.041
25.20
0.29
-116.71
7.0
0.86
167.52
2.76
50.23
0.040
28.71
0.31
-122.84
8.0
0.87
161.16
2.39
42.43
0.040
29.58
0.33
-128.07
9.0
0.88
155.07
2.08
34.71
0.040
30.55
0.36
-133.66
10.0
0.89
149.79
1.83
27.63
0.040
31.41
0.39
-138.71
11.0
0.89
145.66
1.61
21.04
0.043
34.48
0.42
-145.31
12.0
0.90
141.61
1.42
14.39
0.044
36.56
0.45
-150.89
13.0
0.91
138.47
1.27
8.44
0.045
37.21
0.49
-156.42
14.0
0.92
135.64
1.13
2.84
0.046
35.22
0.52
-161.10
15.0
0.93
132.70
1.02
-2.73
0.050
36.77
0.56
-165.49
16.0
0.93
130.92
0.92
-7.66
0.051
36.01
0.59
-169.36
17.0
0.94
129.56
0.83
-12.31
0.056
36.28
0.63
-172.90
18.0
0.94
126.87
0.77
-17.21
0.055
33.51
0.66
-176.39
19.0
0.94
125.28
0.70
-21.95
0.059
34.15
0.69
-179.10
20.0
0.94
122.60
0.64
-26.82
0.058
32.57
0.72
178.04
21.0
0.93
121.02
0.58
-30.45
0.064
31.89
0.75
175.64
22.0
0.92
118.80
0.54
-34.76
0.067
30.36
0.78
173.29
23.0
0.91
115.04
0.50
-39.90
0.076
28.09
0.79
170.43
24.0
0.91
111.50
0.46
-44.45
0.076
23.74
0.81
167.25
25.0
0.90
107.90
0.41
-49.08
0.078
23.62
0.81
163.82
26.0
0.91
101.67
0.37
-52.23
0.079
21.55
0.81
160.37
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com