Electronic Components Datasheet Search
  English  ▼

X  

BCP020T Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP020T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP020T Datasheet(HTML) 3 Page - BeRex Corporation

  BCP020T Datasheet HTML 1Page - BeRex Corporation BCP020T Datasheet HTML 2Page - BeRex Corporation BCP020T Datasheet HTML 3Page - BeRex Corporation BCP020T Datasheet HTML 4Page - BeRex Corporation BCP020T Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCP020T
PIN_POUT/Gain, PAE (18 GHz)
Frequency = 18GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Power)
Frequency = 18GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Gain)
S-PARAMETERS (Vds = 8V, Ids = 50% Idss)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1
0.98
-17.63
6.54
165.56
0.014
81.13
0.80
-5.99
2
0.95
-35.11
6.35
152.34
0.027
70.37
0.78
-11.31
3
0.90
-52.87
6.08
140.12
0.039
64.06
0.75
-15.78
4
0.85
-69.99
5.77
127.94
0.048
53.79
0.71
-20.09
5
0.80
-88.24
5.43
116.00
0.054
47.49
0.67
-24.42
6
0.76
-105.52
5.04
104.87
0.058
40.26
0.63
-27.88
7
0.72
-122.72
4.68
93.83
0.063
33.49
0.59
-32.54
8
0.71
-138.65
4.33
84.53
0.064
29.01
0.56
-34.82
9
0.69
-152.44
3.97
75.99
0.063
25.78
0.53
-36.61
10
0.68
-166.12
3.69
67.53
0.064
22.40
0.51
-38.64
11
0.69
-178.47
3.38
59.72
0.064
18.97
0.47
-39.57
12
0.70
170.61
3.17
51.75
0.067
17.78
0.46
-42.35
13
0.71
158.55
2.94
44.52
0.061
12.25
0.43
-43.48
14
0.73
149.14
2.73
37.18
0.062
12.90
0.40
-45.06
15
0.74
140.53
2.57
30.17
0.063
10.83
0.37
-47.57
16
0.78
131.12
2.40
22.71
0.064
8.80
0.33
-49.99
17
0.81
125.12
2.23
15.52
0.062
6.82
0.29
-55.76
18
0.82
117.90
2.06
8.53
0.066
2.23
0.24
-62.01
19
0.84
111.86
1.89
0.82
0.065
0.95
0.19
-72.70
20
0.86
109.58
1.74
-5.04
0.066
-1.33
0.14
-89.32
21
0.87
105.71
1.60
-11.40
0.068
-0.98
0.11
-123.58
22
0.88
103.28
1.45
-17.65
0.068
-3.31
0.13
-160.51
23
0.88
103.13
1.32
-22.86
0.070
-5.10
0.18
174.94
24
0.88
101.01
1.20
-28.51
0.070
-5.63
0.25
162.82
25
0.90
100.91
1.08
-33.17
0.066
-6.26
0.32
154.30
26
0.90
102.38
1.00
-36.21
0.070
-2.08
0.38
150.28
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com