Electronic Components Datasheet Search
  English  ▼

X  

BCL016B Datasheet(PDF) 5 Page - BeRex Corporation

Part # BCL016B
Description  SUPER LOW NOISE PHEMT CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCL016B Datasheet(HTML) 5 Page - BeRex Corporation

  BCL016B Datasheet HTML 1Page - BeRex Corporation BCL016B Datasheet HTML 2Page - BeRex Corporation BCL016B Datasheet HTML 3Page - BeRex Corporation BCL016B Datasheet HTML 4Page - BeRex Corporation BCL016B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners.
© 2016 BeRex
Rev. 2.1 A
PRELIMINARY
BCL016B
HANDLING PRECAUTIONS:
GaAs FETs are very sensitive to and may be damaged by Electrostatic Discharge (ESD). Therefore, proper ESD
precautions must be taken whenever you are handling these devices. It is critically important that all work
surfaces, and assembly equipment, as well as the operator be properly grounded when handling these devices to
prevent ESD damage.
DIE ATTACH RECOMMENDATIONS:
BeRex recommends the “Eutectic” die attach using Au/Sn (80/20) pre-forms. The die attach station must have
accurate temperature control, and the operation should be performed with parts no hotter than 300°C for less
than 10 seconds. An inert forming gas (90% N2/10% H2) or clean, dry N2 should be used.
Use of conductive epoxy (gold or silver filled) may also be acceptable for die-attaching low power devices.
SHIPPING & STORAGE:
BeRex’s standard chip device shipping package consists of an antistatic “Gel-Pak”, holding the chips, placed inside a
sealed metallized bag. This packaging is designed to provide a reasonable measure of protection from both
mechanical and ESD damage.
Chip devices should be stored in a clean, dry Nitrogen gas environment at room temperature until they are
required for assembly. Only open the shipping package or perform die assembly in a work area with a class 10,000
or better clean room environment to prevent contamination of the exposed devices.
CAUTION:
THIS PRODUCT CONTAINS GALLIUM ARSENIDE (GaAs) WHICH CAN BE HAZARDOUS TO THE HUMAN BODY AND THE
ENVIRONMENT. THEREFORE, IT MUST BE HANDLED WITH CARE AND IN ACCORDANCE WITH ALL GOVERNMENTAL
AND COMPANY REGULATIONS FOR THE SAFE HANDLING AND DISPOSAL OF HAZARDOUS WASTE. DO NOT DO NOT
BURN, DESTROY, CUT, CRUSH OR CHEMICALLY DISSOLVE THE PRODUCT. DO NOT LICK THE PRODUCT OR IN ANY
WAY ALLOW IT TO ENTER THE MOUTH. EXCLUDE THE PRODUCT FROM GENERAL INDUSTRIAL WASTE OR
GARBAGE AND DISPOSE OF ONLY IN ACCORDANCE TO APPLICABLE LAWS AND/OR ORDINANCES.
DISCLAIMER
BEREX RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO
IMPROVE RELIABILITY, FUNCTION OR DESIGN. BEREX DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE
APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN.
LIFE SUPPORT POLICY
BEREX PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
WITHOUT THE EXPRESS WRITTEN APPROVAL OF BEREX.
1.
Life support devices or systems are devices or systems which (a) are intended for surgical implant into the
body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with
instructions for use provided in labeling, can be reasonably expected to result in significant injury to the user.
2.
A critical component is any component of a life support device or system whose failure to perform can be
reasonably expected to cause the failure of the life support device or system, or to affect its safety or
effectiveness.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com