Electronic Components Datasheet Search
  English  ▼

X  

ES4228 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ES4228
Description  Internet Set-Top Box Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES4228 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ES4228 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES4228 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES4228 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES4228 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES4228 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES4228 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES4228 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES4228 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SAM0378-053001
ESS Technology, Inc.
ES4228/ES4227 PRODUCT BRIEF
Name
Number
I/O
Description
DMA[11:0]
66:61, 58:53
O
DRAM address bus.
DCAS#
69
O
DRAM column address strobe.
DOE#
70
O
DRAM output enable.
DSCK_EN
O
DRAM system clock enable.
DWE#
71
O
DRAM write enable.
DRAS[2:0]#
74:72
O
DRAM row address strobe.
DB[15:0]
96:93, 90:85 ,82:77
I/O
DRAM data bus.
DCS[1:0]#
97, 100
O
SDRAM chip select [1:0].
DQM
101
O
Data input/output mask.
DSCK
102
O
DRAM system clock to SDRAM.
DCLK
105
I
Clock input (bypass/test mode).
YUV[7:0]
115:113, 110:106
O
8-bit YUV output.
PCLK2XSCN
116
I/O
2X pixel clock.
PCLKQSCN
117
I/O
Pixel clock.
VSYNC#
118
I/O
Vertical sync.
HSYNC#
119
I/O
Horizontal sync.
HD[15:0]
141:140, 137:131, 128:122
I/O
Host data bus
VPP
159
I
5 V power supply.
AUX[7:0]
169:165, 162:160
I/O
Auxiliary ports.
LOE#
170
O
EPROM device output enable.
LCS[3:0]#
176:173
O
EPROM chip select [3:0].
LD[15:0]
197:194,191:185,182:178
I/O
EPROM device data bus.
LWRLL#
198
O
EPROM device low byte write enable.
LWRHL#
199
O
EPROM device high byte write enable.
NC
37, 38, 41, 42, 146:142,
155:149, 158, 203:202
—
No connect.
Table 1
ES4228 Pin Descriptions List (Continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com