Electronic Components Datasheet Search
  English  ▼

X  

31DF4 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 31DF4
Description  3.0A SUPERFAST GLASS PASSVITED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

31DF4 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  31DF4 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 31DF4 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
280
31DF4
Unit
Symbol
Characteristic
Features
!
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
31DF4 – 31DF6
pF
nS
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
45
A
Forward Voltage
@IF = 3.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
Typical Junction Capacitance (Note 3)
Cj
Operating Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
1.70
35
80
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
31DF4 – 31DF6
A SUPERFAST GLASS PASSVITED RECTIFIER
3.0
Glass Passivated Die Construction
!
Lead Free: For RoHS / Lead Free Version
31DF6
V
V
420
400
600
DO-201AD
Dim
Min
Max
A
25.4
—
B
8.50
9.50
C
1.20
1.30
D
5.0
5.60
All Dimensions in mm
DO-201AD
Dim
Min
Max
A
24.5
—
B
7.20
9.50
C
1.10
1.30
D
5.00
5.60
All Dimensions in mm
Alldatasheet


Similar Part No. - 31DF4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DF4 NIEC-31DF4 Datasheet
53Kb / 5P
Ultra - Fast Recovery Diode
logo
List of Unclassifed Man...
31DF4 ETC-31DF4 Datasheet
40Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
logo
Taiwan Semiconductor Co...
31DF4 TSC-31DF4 Datasheet
62Kb / 2P
3.0 AMPS. Ultra Fast Recovery Rectifiers
31DF4 TSC-31DF4 Datasheet
271Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF4 BILIN-31DF4 Datasheet
52Kb / 2P
SUPER FAST RECTIFIERS
More results

Similar Description - 31DF4

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SF11G ZSELEC-SF11G Datasheet
117Kb / 2P
1.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF21G ZSELEC-SF21G Datasheet
113Kb / 2P
2.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF31G ZSELEC-SF31G Datasheet
124Kb / 2P
3.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF61G ZSELEC-SF61G Datasheet
146Kb / 2P
6.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF81G ZSELEC-SF81G Datasheet
141Kb / 2P
8.0A SUPERFAST GLASS PASSVITED RECTIFIER
1E1G ZSELEC-1E1G Datasheet
133Kb / 2P
1.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF10AG ZSELEC-SF10AG Datasheet
138Kb / 2P
1.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF30AG ZSELEC-SF30AG Datasheet
144Kb / 2P
3.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF50AG ZSELEC-SF50AG Datasheet
142Kb / 2P
5.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF60AG ZSELEC-SF60AG Datasheet
142Kb / 2P
6.0A SUPERFAST GLASS PASSVITED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com