Electronic Components Datasheet Search
  English  ▼

X  

B8M Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # B8M
Description  0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

B8M Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  B8M Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd B8M Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Characteristic
Symbol
B05M
B1M
B2M
B4M
B6M
B8M
B10M
Unit
High Surge Current Capability
Glass Passivated Die Construction
Designed for Surface Mount Application
MIL-STD-202, Method 208
B05M - B10M
B05M – B10M
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
!
!
Low Forward Voltage Drop
!
High Current Capability
!
!
!
Plastic Material – UL Flammability 94V-O
                 
Mechanical Data
!
Case: MB-S, Molded Plastic
!
MIL-STD-202, Method 208
!
Polarity: As Marked on Case
!
Weight: 0.22 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Note: 1. Mounted on glass epoxy PC board with 1.3mm2 solder pad.
2. Mounted on aluminum substrate PC board with 1.3mm2 solder pad.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
!
Lead Free: For RoHS / Lead Free Version,
Terminals: Plated Leads Solderable per
D
E
H
J
B
A
G
MB-M
Dim
Min
Max
A
3.65
4.10
B
4.95
5.21
C
D
0.15
0.41
E
G
H
J
2.54
K
All Dimensions in mm
0.43
0.74
2.41
2.67
4.50
4.95
2.30
2.70
K
C
D
0
10°
5.0
A
t
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current (Note 1) @TA = 40°C
Average Rectified Output Current (Note 2) @TA = 40°C
IO
0.5
0.8
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
I2t Rating for Fusing (t < 8.3ms)
I2
2s
Forward Voltage per element
@IF = 0.5A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance per leg (Note 3)
Cj
13
pF
Typical Thermal Resistance per leg (Note 1)
RJA
RJL
70
20
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
Alldatasheet


Similar Part No. - B8M

ManufacturerPart #DatasheetDescription
logo
StarHope
B8M SPSEMI-B8M Datasheet
750Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
B8M07 SPSEMI-B8M07 Datasheet
750Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
B8M07R SPSEMI-B8M07R Datasheet
750Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
B8M07R SPSEMI-B8M07R Datasheet
123Kb / 3P
Gas Discharge Tube B8M Series
B8M09 SPSEMI-B8M09 Datasheet
750Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
More results

Similar Description - B8M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B1S WTE-B1S_06 Datasheet
59Kb / 4P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB1F-05-MBF YFWDIODE-MB1F-05-MBF Datasheet
424Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
05A-MB1F-MBF YFWDIODE-05A-MB1F-MBF Datasheet
476Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HD005 ZSELEC-HD005 Datasheet
87Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LB05F ZSELEC-LB05F Datasheet
340Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LF05F ZSELEC-LF05F Datasheet
340Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LLB05S ZSELEC-LLB05S Datasheet
340Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05S ZSELEC-MB05S Datasheet
87Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Yint Electroni...
MB1M YINT-MB1M Datasheet
476Kb / 3P
0.5A Surface Mount Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
HD005M ZSELEC-HD005M Datasheet
89Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com