Electronic Components Datasheet Search
  English  ▼

X  

INA181A2 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA181A2
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA181A2 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA181A2 Datasheet HTML 12Page - Texas Instruments INA181A2 Datasheet HTML 13Page - Texas Instruments INA181A2 Datasheet HTML 14Page - Texas Instruments INA181A2 Datasheet HTML 15Page - Texas Instruments INA181A2 Datasheet HTML 16Page - Texas Instruments INA181A2 Datasheet HTML 17Page - Texas Instruments INA181A2 Datasheet HTML 18Page - Texas Instruments INA181A2 Datasheet HTML 19Page - Texas Instruments INA181A2 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
INA181
Power Supply, VS
2.7 V to 5.5 V
Bus Voltage
±0.2 V to +26 V
RSENSE
GND
VS
Load
IN±
IN+
OUT
REF
+
±
CBYPASS
0.1 µF
Copyright © 2017, Texas Instruments Incorporated
Output
16
INA181, INA2181
SBOS793A – APRIL 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: INA181 INA2181
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Normal Mode
The INAx181 are in normal operation when the following conditions are met:
•
The power supply voltage (VS) is between 2.7 V and 5.5 V.
•
The common-mode voltage (VCM) is within the specified range of –0.2 V to +26 V.
•
The maximum differential input signal times gain plus VREF is less than VS minus the output voltage swing to
VS.
•
The minimum differential input signal times gain plus VREF is greater than the swing to GND (see the Rail-to-
Rail Output Swing section).
During normal operation, the device produces an output voltage that is the gained-up representation of the
difference voltage from IN+ to IN– plus the reference voltage at VREF.
8.4.2 Unidirectional Mode
The device can be configured to monitor current flowing in one direction (unidirectional) or in both directions
(bidirectional) depending on how the REF pin is configured. The most common case is unidirectional where the
output is set to ground when no current is flowing by connecting the REF pin to ground, as shown in Figure 38.
When the current flows from the bus supply to the load, the input signal across IN+ to IN– increases, and causes
the output voltage at the OUT pin to increase.
Figure 38. Unidirectional Application
The linear range of the output stage is limited by how close the output voltage can approach ground under zero
input conditions. In unidirectional applications where measuring very low input currents is desirable, bias the REF
pin to a convenient value above 50 mV to get the output into the linear range of the device. To limit common-
mode rejection errors, buffer the reference voltage connected to the REF pin.
A less-frequently used output biasing method is to connect the REF pin to the power-supply voltage, VS. This
method results in the output voltage saturating at 200 mV less than the supply voltage when no differential input
signal is present. This method is similar to the output saturated low condition with no input signal when the REF
pin is connected to ground. The output voltage in this configuration only responds to negative currents that
develop negative differential input voltage relative to the device IN– pin. Under these conditions, when the
differential input signal increases negatively, the output voltage moves downward from the saturated supply
voltage. The voltage applied to the REF pin must not exceed VS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com