Electronic Components Datasheet Search
  English  ▼

X  

FT1011 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FT1011
Description  HIGH COMMUTATION TRIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FT1011 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FT1011 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT1011 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT1011 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT1011 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
On-State Current
10 Amp
FT10...H
HIGH COMMUTATION TRIAC
This series of TRIACs uses a high
performance PNPN technology.
These par ts are intended for general
purpose AC switching applications with
highly inductive loads.
Jun - 02
Absolute Maximum Ratings, according to IEC publication No. 134
TO220-AB
Gate Trigger Current
≤ 25 mA to ≤ 50 mA
Off-State Voltage
200 V ÷ 600 V
MT1
MT2
G
MT2
RMS On-state Current
Non-repetitive On-State Current
Non-repetitive On-State Current
Fusing Current
Peak Gate Current
Average Gate Power Dissipation
Critical rate of rise of on-state current
Operating Temperature
Storage Temperature
IT(RMS)
PARAMETER
CONDITIONS
Min.
Max.
Unit
SYMBOL
ITSM
I2t
IGM
PG(AV)
Tj
Tstg
All Conduction Angle, TC = 105 ºC
Full Cycle, 60 Hz
Full Cycle, 50 Hz
tp = 10 ms, Half Cycle
20 µs max.
Tj =125ºC
Tj =125ºC
IG = 2x IGT, tr
≤100ns
f= 120 Hz, Tj =125ºC
10
105
100
55
50
-40
-40
A
A
A
A2s
A
W
A/µs
ºC
ºC
4
1
+125
+150
di/dt
ITSM
Repetitive Peak Off State
Voltage
PARAMETER
VOLTAGE
Unit
SYMBOL
VDRM
VRRM
B
200
V
M
600
D
400


Similar Part No. - FT1011

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
FT10-100 DATEL-FT10-100 Datasheet
97Kb / 1P
FT series, 10 A Output Current, Filter Module
FT10-100 DATEL-FT10-100 Datasheet
470Kb / 4P
Filter Modules 100 Vdc, 10 and 20 Amps Differential/Common-Mode Filters
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
logo
Fairchild Semiconductor
FT10001FHX FAIRCHILD-FT10001FHX Datasheet
1Mb / 11P
Reset Timer with Fixed Delay and Reset Pulse
More results

Similar Description - FT1011

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56063 NTE-NTE56063 Datasheet
21Kb / 2P
TRIAC, 8A, High Commutation
NTE56065 NTE-NTE56065 Datasheet
21Kb / 2P
TRIAC, 600VRM, 12A, High Commutation
NTE56066 NTE-NTE56066 Datasheet
20Kb / 2P
TRIAC, 16A, High Commutation
NTE56068 NTE-NTE56068 Datasheet
21Kb / 2P
TRIAC, 16A, High Commutation
NTE56070 NTE-NTE56070 Datasheet
20Kb / 2P
TRIAC, 25A, High Commutation
logo
NXP Semiconductors
BTA216B PHILIPS-BTA216B Datasheet
48Kb / 6P
Triacs high commutation
October 1997 Rev 1.200
BTA316-600ET NXP-BTA316-600ET Datasheet
211Kb / 13P
16 A three-quadrant high commutation triac
Rev. 01-30 March 2010
BTA316-800ET NXP-BTA316-800ET Datasheet
210Kb / 13P
16 A three-quadrant high commutation triac
Rev. 01-29 March 2010
logo
First Components Intern...
FTC16A60 FCI-FTC16A60 Datasheet
243Kb / 3P
16Amp Triac FTC16A60 Non- Insulated Pack High Commutation dv/dt
logo
Central Semiconductor C...
CQ220-12M3 CENTRAL-CQ220-12M3 Datasheet
498Kb / 4P
High commutation capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com