Electronic Components Datasheet Search
  English  ▼

X  

FSUSB22MTC Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSUSB22MTC
Description  Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB22MTC Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSUSB22MTC Datasheet HTML 3Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 4Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 5Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 6Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 7Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 8Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 9Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 10Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
Package Number MQA16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com