Electronic Components Datasheet Search
  English  ▼

X  

TUSB212I Datasheet(PDF) 18 Page - Texas Instruments

Part # TUSB212I
Description  USB 2.0 High Speed Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB212I Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB212I Datasheet HTML 14Page - Texas Instruments TUSB212I Datasheet HTML 15Page - Texas Instruments TUSB212I Datasheet HTML 16Page - Texas Instruments TUSB212I Datasheet HTML 17Page - Texas Instruments TUSB212I Datasheet HTML 18Page - Texas Instruments TUSB212I Datasheet HTML 19Page - Texas Instruments TUSB212I Datasheet HTML 20Page - Texas Instruments TUSB212I Datasheet HTML 21Page - Texas Instruments TUSB212I Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
18
TUSB212
SLLSEX5A – AUGUST 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TUSB212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
The USB signal trace must not be broken when placing TUSB212. Thus, even with the TUSB212 powered down,
or not populated, the USB link is still fully operational. To avoid the need for signal vias, it is highly recommend to
route the High Speed traces directly underneath the TUSB212 package, as illustrated in the PCB land pattern
shown in Figure 22.
Although the land pattern shown below has matched trace width to pad width, optimal impedance control is
based on the user's own PCB stack-up. It is recommended to maintain 90
Ω differential routing underneath the
device.
All dimensions are in millimetres (mm).
10.2 Layout Example
Figure 22. DP and DM Routing Underneath Device Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com