Electronic Components Datasheet Search
  English  ▼

X  

HAL571 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # HAL571
Description  Two-Wire Hall Effect Sensor Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL571 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button HAL571 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL571 Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL571 Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL571 Datasheet HTML 11Page - List of Unclassifed Manufacturers HAL571 Datasheet HTML 12Page - List of Unclassifed Manufacturers HAL571 Datasheet HTML 13Page - List of Unclassifed Manufacturers HAL571 Datasheet HTML 14Page - List of Unclassifed Manufacturers HAL571 Datasheet HTML 15Page - List of Unclassifed Manufacturers HAL571 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
HAL571
ADVANCE INFORMATION
12
Micronas
4. Type Description
4.1. HAL 571
The HAL 571 is a medium sensitive unipolar switching
sensor (see Fig. 4–1).
The sensor turns to high current consumption with the
magnetic south pole on the branded side of the package
and turns to low current consumption if the magnetic
field is removed. It does not respond to the magnetic
north pole on the branded side.
For correct functioning in the application, the sensor re-
quires only the magnetic south pole on the branded side
of the package.
In this two-wire sensor family, the HAL 581 is a sensor
with the same magnetic characteristics but with an in-
verted output characteristic.
Magnetic Features:
– switching type: unipolar
– medium sensitivity
– typical BON: 12 mT at room temperature
– typical BOFF: 10 mT at room temperature
– typical temperature coefficient of magnetic switching
points is 0 ppm/K
– operates with static magnetic fields and dynamic mag-
netic fields up to 10 kHz
Applications
The HAL 571 is designed for applications with one mag-
netic polarity and weak magnetic amplitudes at the sen-
sor position such as:
– applications with large airgap or weak magnets,
– solid state switches,
– contactless solutions to replace micro switches,
– position and end point detection, and
– rotating speed measurement.
BHYS
Current consumption
0BON
BOFF
IDDlow
B
Fig. 4–1: Definition of magnetic switching points for
the HAL 571
IDDhigh
Magnetic Characteristics at TJ = –40 °C to +140 °C, VDD = 3.75 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Magnetic Offset
Unit
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
–40
°C
8
12
15.5
6.5
10
13.8
0.5
2
3
11
mT
25
°C
8
12
15.5
6.5
10
13.8
0.5
2
3
11
mT
100
°C
8
12
15.5
6.5
10
13.8
0.5
2
3
11
mT
140
°C
tbd
–
tbd
tbd
–
tbd
tbd
–
tbd
tbd
mT
The hysteresis is the difference between the switching points BHYS = BON – BOFF
The magnetic offset is the mean value of the switching points BOFFSET = (BON + BOFF) / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com