Electronic Components Datasheet Search
  English  ▼

X  

HAL573 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HAL573
Description  Two-Wire Hall Effect Sensor Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL573 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HAL573 Datasheet HTML 3Page - List of Unclassifed Manufacturers HAL573 Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL573 Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL573 Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL573 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL573 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL573 Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL573 Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL573 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
HAL57x, HAL58x
ADVANCE INFORMATION
7
Micronas
3.4. Absolute Maximum Ratings
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
–151) 2)
282)
V
IDDZ
Supply Current through
Protection Device
1
–502)
–2003)
502)
2003)
mA
mA
TS
Storage Temperature Range
–65
150
°C
TJ
Junction Temperature Range
–40
150
°C
1) –18 V with a 100
Ω series resistor at pin 1 (–16 V with a 30 Ω series resistor)
2) as long as TJmax is not exceeded
2) with a 220
Ω series resistance at pin 1 corresponding to test circuit 1 (see Fig. 5–3)
3) t<2 ms
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in the
“Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute maxi-
mum ratings conditions for extended periods may affect device reliability.
3.5. Recommended Operating Conditions
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
3.75
24
V
TA
Ambient Temperature for Continuous
Operation
–40
851)
°C
ton
Supply Time for Pulsed Mode
30
–
µs
1) when using the the “K” type and VDD ≤ 16 V
Note: Due to the high power dissipation at high current consumption, there is a difference between the ambient temper-
ature (TA) and junction temperature. The power dissipation can be reduced by repeatedly switching the supply voltage
on and off (pulse mode). Please refer to section 5.4. on page 19 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com