Electronic Components Datasheet Search
  English  ▼

X  

EC9208 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC9208
Description  High Efficiency 1MHz, 2A, Step up Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9208 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC9208 Datasheet HTML 1Page - E-CMOS Corporation EC9208 Datasheet HTML 2Page - E-CMOS Corporation EC9208 Datasheet HTML 3Page - E-CMOS Corporation EC9208 Datasheet HTML 4Page - E-CMOS Corporation EC9208 Datasheet HTML 5Page - E-CMOS Corporation EC9208 Datasheet HTML 6Page - E-CMOS Corporation EC9208 Datasheet HTML 7Page - E-CMOS Corporation EC9208 Datasheet HTML 8Page - E-CMOS Corporation EC9208 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
High Efficiency 1MHz, 2A, Step up Regulator
EC9208
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 11
4D10N-Rev.F001
Ordering Information
Function Block
Figure 3 Function Block Diagram of EC9208
Part Number
Package
Marking
Marking Information
EC9208NNB3R
SOT23-6
9208f
1.
Starting with underlined 2, a bar is for
production year 2012. The next bar is
mark on top of 0 is for year 2013. The
next bar is mark on bottom of 0 is for year
2014.The next bar is mark on top of 8 is
year for 2015. The naming pattern
continues with consecutive characters for
later years.
2.
f is the week of production. The big
character of A~Z is for the week of 1~26,
and small a~z is for the week of 27~52.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com