Electronic Components Datasheet Search
  English  ▼

X  

ICL7136 Datasheet(PDF) 12 Page - Intersil Corporation

Part # ICL7136
Description  3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7136 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ICL7136 Datasheet HTML 7Page - Intersil Corporation ICL7136 Datasheet HTML 8Page - Intersil Corporation ICL7136 Datasheet HTML 9Page - Intersil Corporation ICL7136 Datasheet HTML 10Page - Intersil Corporation ICL7136 Datasheet HTML 11Page - Intersil Corporation ICL7136 Datasheet HTML 12Page - Intersil Corporation ICL7136 Datasheet HTML 13Page - Intersil Corporation ICL7136 Datasheet HTML 14Page - Intersil Corporation ICL7136 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
FN3086.6
July 21, 2005
FIGURE 10. ICL7136 USED AS A DIGITAL CENTIGRADE
THERMOMETER
FIGURE 11. CIRCUIT FOR DEVELOPING UNDERRANGE AND
OVERRANGE SIGNAL FROM ICL7136 OUTPUTS
FIGURE 12. AC TO DC CONVERTER WITH ICL7136
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V
-
G2
C3
A3
G3
BP
50pF
TO PIN 1
0.1
µF
0.01
µF
†
100k
Ω 1MΩ
9V
390k
Ω
†
0.47
µF
TO BACKPLANE
TO DISPLAY
A silicon diode-connected transistor has a temperature coefficient
of about -2mV/oC. Calibration is achieved by placing the sensing
transistor in ice water and adjusting the zeroing potentiometer for a
000.0 reading. The sensor should then be placed in boiling water
and the scale-factor potentiometer adjusted for a 100.0 reading.
† Value depends on clock frequency.
SCALE
FACTOR
ADJUST
200k
Ω 470kΩ
22k
Ω
SILICON NPN
MPS 3704 OR
SIMILAR
ZERO
ADJUST
+
-
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
V+
D1
C1
B1
A1
F1
G1
E1
D2
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB4
POL
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V
-
G2
C3
A3
G3
BP
O /RANGE
U /RANGE
CD4023 OR
74C10
CD4077
TO LOGIC
VCC
V+
TO
LOGIC
V-
GND
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V
-
G2
C3
A3
G3
BP
50pF
TO PIN 1
0.1
µF
180k
Ω
20k
Ω
220k
Ω
180k
Ω
0.047
µF
0.47
µF
TO BACKPLANE
TO DISPLAY
Test is used as a common-mode reference level to ensure compatibility with most op amps.
10
µF
9V
10
µF
470k
Ω
1
µF
4.3k
Ω
100pF
(FOR OPTIMUM
BANDWIDTH)
1
µF
10k
Ω
10k
Ω
1N914
1
µF
0.22
µF
5
µF
CA3140
2.2M
Ω
+
-
100k
Ω
AC IN
SCALE FACTOR ADJUST
(VREF = 100mV FOR AC TO RMS)
+
-
ICL7136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com