Electronic Components Datasheet Search
  English  ▼

X  

DSK32 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # DSK32
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

DSK32 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  DSK32 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd DSK32 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Weight: 0.01 grams (approx.)
Unit
Characteristic
Symbol
Case: SOD-123, Molded Plastic
Surge Overload Rating to 20A Peak
Classification Rating 94V-O
Guard Ring Die Construction
For Use in Low Voltage Application
Ideally Suited for Automatic Assembly
DSK32 – DSK320
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
!
Schottky Barrier Chip
!
!
Low Power Loss, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Note: 1. Mounted on P.C. Board with 5.0mm2 copper pad area.
1 of 2
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
SOD - 123FL
Dimensions in millimeters
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DSK32 – DSK320
Typical Junction Capacitance
0.55
0.70
0.85
0.95
V
3.0
A
14
21
28
35
42
56
70
105
140
V
20
30
40
50
60
80
100
150
200
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 75°C
IO
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
80
A
Forward Voltage
@IF = 3.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
10
mA
RJL
RJA
28
40
°C/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Typical Thermal Resistance (Note 1)
j
C
250
160
pF
DSK32 DSK33
DSK34
DSK35
DSK36
DSK38 DSK310 DSK315 DSK320
0.3
5
Alldatasheet


Similar Part No. - DSK32

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
DSK32 CHENDA-DSK32 Datasheet
549Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Olitech Electronics Co....
DSK32 OLITECH-DSK32 Datasheet
417Kb / 2P
Surface Mount Schottky Rectifier
logo
Guangdong Juxing Electr...
DSK32 JUXING-DSK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
DSK32 JUXING-DSK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
logo
Microdiode Semiconducto...
DSK32 CHENDA-DSK32 Datasheet
920Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DSK32

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SX32 WTE-SX32 Datasheet
47Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
3.0A Surface Mount Schottky Barrier Diode
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
3.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SS32 ZSELEC-SS32 Datasheet
149Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS32F ZSELEC-SS32F Datasheet
172Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS32W ZSELEC-DS32W Datasheet
138Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BR32 ZSELEC-BR32 Datasheet
113Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
30BQ020 ZSELEC-30BQ020 Datasheet
150Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BR32BF ZSELEC-BR32BF Datasheet
136Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BX32 ZSELEC-BX32 Datasheet
100Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com