Electronic Components Datasheet Search
  English  ▼

X  

ILQ621 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ILQ621
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ621 Datasheet(HTML) 5 Page - Vishay Siliconix

  ILQ621 Datasheet HTML 1Page - Vishay Siliconix ILQ621 Datasheet HTML 2Page - Vishay Siliconix ILQ621 Datasheet HTML 3Page - Vishay Siliconix ILQ621 Datasheet HTML 4Page - Vishay Siliconix ILQ621 Datasheet HTML 5Page - Vishay Siliconix ILQ621 Datasheet HTML 6Page - Vishay Siliconix ILQ621 Datasheet HTML 7Page - Vishay Siliconix ILQ621 Datasheet HTML 8Page - Vishay Siliconix ILQ621 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
VISHAY
ILD621/ GB/ ILQ621/ GB
Document Number 83654
Rev. 1.3, 19-Apr-04
Vishay Semiconductors
www.vishay.com
5
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Fig. 1 Non-saturated Switching Timing
Fig. 2 Non-saturated Switching Timing
Fig. 3 Saturated Switching Timing
iild621_01
tR
tF
tD
50%
tPLH
VO
IF
tPLH
tS
iild621_02
VO
VCC =5V
RL = 75 Ω
F = 10 KHz,
DF = 50%
IF =10mA
iild621_03
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH = 1.5 V
Fig. 4 Saturated Switching Timing
Fig. 5 Maximum LED Current vs. Ambient Temperature
Fig. 6 Maximum LED Power Dissipation
iild621_04
VO
VCC =5V
RL
F=10KHz,
DF=50%
-60
-40
-20
0
20
40
60
80
100
120
100
80
60
40
0
20
TA - Ambient Temperature - °C
TJ (MAX) = 100 °C
iild621_05
iild621_06
-60 -40
-20
0
20
40
60
80
100
200
100
0
50
Ta - Ambient Temperature - °C
150



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com