Electronic Components Datasheet Search
  English  ▼

X  

IRFR2905Z Datasheet(PDF) 2 Page - International Rectifier

Part # IRFR2905Z
Description  AUTOMOTIVE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR2905Z Datasheet(HTML) 2 Page - International Rectifier

  IRFR2905Z Datasheet HTML 1Page - International Rectifier IRFR2905Z Datasheet HTML 2Page - International Rectifier IRFR2905Z Datasheet HTML 3Page - International Rectifier IRFR2905Z Datasheet HTML 4Page - International Rectifier IRFR2905Z Datasheet HTML 5Page - International Rectifier IRFR2905Z Datasheet HTML 6Page - International Rectifier IRFR2905Z Datasheet HTML 7Page - International Rectifier IRFR2905Z Datasheet HTML 8Page - International Rectifier IRFR2905Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRFR/U2905Z
2
www.irf.com
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.053
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
11.1
14.5
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
20
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
29
44
Qgs
Gate-to-Source Charge
–––
7.7
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
12
–––
RG
Gate Input Resistance
–––
1.3
–––
Ω
f = 1MHz, open drain
td(on)
Turn-On Delay Time
–––
14
–––
tr
Rise Time
–––66–––
td(off)
Turn-Off Delay Time
–––
31
–––
ns
tf
Fall Time
–––35–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
1380
–––
Coss
Output Capacitance
–––
240
–––
Crss
Reverse Transfer Capacitance
–––
120
–––
pF
Coss
Output Capacitance
–––
820
–––
Coss
Output Capacitance
–––
190
–––
Coss eff.
Effective Output Capacitance
–––
300
–––
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
36
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
240
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
23
35
ns
Qrr
Reverse Recovery Charge
–––
16
24
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 44V
f
VGS = 10V
e
VDD = 28V
ID = 36A
RG = 15 Ω
TJ = 25°C, IS = 36A, VGS = 0V e
TJ = 25°C, IF = 36A, VDD = 28V
di/dt = 100A/µs
e
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 36A
e
VDS = VGS, ID = 250µA
VDS = 55V, VGS = 0V
VDS = 55V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VDS = 25V, ID = 36A
ID = 36A
VDS = 44V
Conditions
VGS = 10V
e
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 20V
VGS = -20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com