Electronic Components Datasheet Search
  English  ▼

X  

MB5U Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # MB5U
Description  High Performance isolated BiSS to PC Adapter (USB)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB5U Datasheet(HTML) 4 Page - IC-Haus GmbH

  MB5U Datasheet HTML 1Page - IC-Haus GmbH MB5U Datasheet HTML 2Page - IC-Haus GmbH MB5U Datasheet HTML 3Page - IC-Haus GmbH MB5U Datasheet HTML 4Page - IC-Haus GmbH MB5U Datasheet HTML 5Page - IC-Haus GmbH MB5U Datasheet HTML 6Page - IC-Haus GmbH MB5U Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
preliminary
preliminary
MB5U
High Performance isolated BiSS to PC Adapter (USB)
Rev A2, Page 4/7
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 Power USB Maximum Power Consumption from
USB Bus
see USB specifications
500
mA
G002 VDD
Logic Power Supply
depends on USB host supply of adapter and
cabling
4.5
5.5
V
G003 I(VDD)
Logic Power Supply
VDD > 4.5 V; depends on USB host supply of
adapter and cabling, no load on MA or MO
150
200
mA
G004 I(VDD)
Logic Power Supply
VDD > 4.75 V; depends on USB host supply of
adapter and cabling, load on MA or MO
75
90
mA
G005 VG2G
Galvanic Isolation
VG = V(GND_USB) - V(GND_BiSS)
Humidity 5% non condensating, 20°C, isolated
surface
±500
V
THERMAL DATA
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01 Temp
Temperature Range
0
50
°C
T02 HUM
Humidity
non condensating
5
95
%
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com