Electronic Components Datasheet Search
  English  ▼

X  

IRKV105 Datasheet(PDF) 2 Page - International Rectifier

Part # IRKV105
Description  ADD-A-pak GEN V Power Modules THYRISTOR/ THYRISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKV105 Datasheet(HTML) 2 Page - International Rectifier

  IRKV105 Datasheet HTML 1Page - International Rectifier IRKV105 Datasheet HTML 2Page - International Rectifier IRKV105 Datasheet HTML 3Page - International Rectifier IRKV105 Datasheet HTML 4Page - International Rectifier IRKV105 Datasheet HTML 5Page - International Rectifier IRKV105 Datasheet HTML 6Page - International Rectifier IRKV105 Datasheet HTML 7Page - International Rectifier IRKV105 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRKU/V105 Series
2
Bulletin I27136 rev. E 10/02
www.irf.com
V
RRM
, maximum
V
RSM
, maximum
V
DRM
, max. repetitive
I
RRM
Voltage
repetitive
non-repetitive
peak off-state voltage,
IDRM
Code
peak reverse voltage
peak reverse voltage
gate open circuit
130°C
-
VVV
mA
04
400
500
400
IRKU/V105
08
800
900
800
20
12
1200
1300
1200
16
1600
1700
1600
I
T(AV)
Max. average on-state
180o conduction, half sine wave,
current
T
C
= 85oC
I
T(RMS
)
Max. RMS on-state
DC
current.
@ TC
77
°C
I
TSM
Max. peak, one cycle
1785
t=10ms
No voltage
non-repetitive on-state
1870
t=8.3ms
reapplied
current
1500
t=10ms
100% V
RRM
1570
t=8.3ms
reapplied
2000
t=10ms
T
J
= 25oC,
2100
t=8.3ms
no voltage reapplied
I
2t
Max. I
2t for fusing
15.91
t=10ms
No voltage
14.52
t=8.3ms
reapplied
11.25
t=10ms
100% V
RRM
10.27
t=8.3ms
reapplied
20.00
t=10ms
T
J
= 25oC,
18.30
t=8.3ms
no voltage reapplied
I
2
√t
Max. I
2
√t for fusing (1)
159.1
KA
2
√s
t=0.1to10ms,no voltage reappl.,TJ=TJ max.
V
T(TO)
Max. value of threshold
0.80
Low level (3)
voltage (2)
0.85
High level (4)
r
t
Max. value of on-state
2.37
Low level (3)
slope resistance (2)
2.25
High level (4)
V
TM
Max. peak on-state
I
TM
=
πxI
T(AV)
voltage
I
FM
=
πxI
F(AV)
di/dt
Max. non-repetitive rate
T
J
= 25oC, from 0.67 V
DRM
,
of rise of turned on
150
A/µs
I
TM
=
π x I
T(AV),
I
g
= 500mA,
current
tr < 0.5 µs, tp > 6 µs
I
H
Max. holding current
200
T
J
= 25oC, anode supply = 6V,
resistive load, gate open circuit
IL
Max. latching current
400
TJ = 25
oC, anode supply = 6V,resistive load
Initial T
J
= T
J
max.
V
m
Ω
1.64
V
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Type number
Sinusoidal
half wave,
Initial T
J
= T
J
max.
105
Parameters
IRKU/V105
Units
Conditions
On-state Conduction
A
A
165
mA
KA
2s
T
J
= T
J
max
TJ = TJ max
TJ = 25°C
(1) I2t for time t
x
= I2
√t x √t
x
.
(2) Average power = V
T(TO)
x I
T(AV) +
r
t
x
(I
T(RMS))
2
(3) 16.7% x
π x I
AV
< I <
π x I
AV
(4) I >
π x I
AV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com