Electronic Components Datasheet Search
  English  ▼

X  

MBR2045CD Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # MBR2045CD
Description  40 to 200 Volts Forward Current - 20.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

MBR2045CD Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  MBR2045CD Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MBR2045CD Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR2040C
D~MBR20200CD
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in comply with EU RoHS
MECHANICAL DATA
• Case: TO-2
52AB molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PA RA ME TE R
S YMB OL
MBR
2040C
D
MBR
2045C
D
MBR
2050C
D
MBR
2060C
D
MBR
2080C
D
MBR
2090C
D
MBR
20100C
D
MBR
20150C
D
MBR
20200C
D
UNITS
Maximum Recurrent P e a k
Reverse V o l t a g
V
R R M
40
45
50
60
80
90
100
150
200
V
Maximum RMS Voltage
V
R M S
28
31.5
35
42
56
63
70
105
140
V
Maximum DC Blocking Voltage
V
D C
40
45
50
60
80
90
100
150
200
V
Maximum Average Forward Current (See fi g.1 )
I
F ( A V)
20
A
Peak Forward Surge Current :8.3 ms single half si
ne- wave superimposed on rated l oa d(JED EC
th d)
I
F S M
100
A
Maximum Forward Voltage at 10 A, per leg
VF
0.7
0.85
0.9
2
V
Maximum DC Reverse Current TJ =25 OC
at Rated DC Blocking Voltage TJ=125 OC
IR
0.
05
20
mA
Typical Thermal Resistance
R
θJC
2
O C /
W
Operating Junction and Storage Temperature Range
T ,T
J
S TG
-50 to + 150
-55 to +175
O C
0.8
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 40 to 200 Volts
Forward Current - 20.0 Amperes


Similar Part No. - MBR2045CD

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MBR2045CD DYELEC-MBR2045CD Datasheet
789Kb / 3P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR2045CD

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SR530 GXELECTRONICS-SR530 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR540 GXELECTRONICS-SR540 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR550 GXELECTRONICS-SR550 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR560 GXELECTRONICS-SR560 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
logo
Formosa MS
MBR2040CT FORMOSA-MBR2040CT Datasheet
168Kb / 2P
REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 20.0 Amperes
logo
Microdiode Semiconducto...
MBR2040CGD CHENDA-MBR2040CGD Datasheet
1Mb / 2P
40 to 200 Volts Forward Current - 20.0 Amperes
MBR4040CT CHENDA-MBR4040CT Datasheet
667Kb / 2P
40 to 200 Volts Forward Current - 40.0 Amperes
MBR30150CT CHENDA-MBR30150CT Datasheet
695Kb / 2P
150 to 200 Volts Forward Current - 30.0 Amperes
MBRF30150CT CHENDA-MBRF30150CT Datasheet
697Kb / 2P
150 to 200 Volts Forward Current - 30.0 Amperes
MBRF201500CT CHENDA-MBRF201500CT Datasheet
696Kb / 2P
150 to 200 Volts Forward Current - 20.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com