Electronic Components Datasheet Search
  English  ▼

X  

EC5756 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC5756
Description  250kHz, 7uA, CMOS, Rail-to-Rail Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5756 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC5756 Datasheet HTML 1Page - E-CMOS Corporation EC5756 Datasheet HTML 2Page - E-CMOS Corporation EC5756 Datasheet HTML 3Page - E-CMOS Corporation EC5756 Datasheet HTML 4Page - E-CMOS Corporation EC5756 Datasheet HTML 5Page - E-CMOS Corporation EC5756 Datasheet HTML 6Page - E-CMOS Corporation EC5756 Datasheet HTML 7Page - E-CMOS Corporation EC5756 Datasheet HTML 8Page - E-CMOS Corporation EC5756 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
250kHz, 7μA, CMOS,
Rail-to-Rail Dual Operational
Amplifier
Amplifier
EC5756
E-CMOS Corp. (www.ecmos.com.tw)
3L03N-Rev.P001
Page 3 of 13
Rail-to-Rail Input
The input common-mode range of EC5756 series extends 100mV beyond the supply rails (VSS-0.1V to
VDD+0.1V). This is achieved by using complementary input stage. For normal operation, inputs should be
limited to this range.
Rail-to-Rail Output
Rail-to-Rail output swing provides maximum possible dynamic range at the output. This is particularly
important when operating in low supply voltages. The output voltage of EC5756 series can typically swing to
less than 10mV from supply rail in
light resistive loads (>100kΩ), and 60mV of supply rail in moderate resistive
loads (10kΩ).
Capacitive Load Tolerance
The EC5756 series can directly drive 250pF capacitive load in unity-gain without oscillation. Increasing the
gain enhances the
amplifier’s ability to drive greater capacitive loads. In unity-gain configurations, the
capacitive load drive can be improved by inserting an isolation resistor RISO in series with the capacitive load,
as shown in Figure 2.
Figure 2. Indirectly Driving a Capacitive Load Using Isolation Resistor
The bigger the RISO resistor value, the more stable VOUT will be. However, if there is a resistive load RL in
parallel with the capacitive load, a voltage divider (proportional to RISO/RL) is formed, this will result in a gain
error.
The circuit in Figure 3 is an improvement to the one in Figure 2. RF provides the DC accuracy by feed-forward
the VIN to RL. CF and RISO serve to counteract the loss of phase margin by feeding the high frequency
component of the output signal back to the
amplifier’s inverting input, thereby preserving the phase margin in
the overall feedback loop. Capacitive drive can be increased by increasing the value of CF. This in turn will
slow down the pulse response.
Figure 3. Indirectly Driving a Capacitive Load with DC Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com