Electronic Components Datasheet Search
  English  ▼

X  

S5ABF Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # S5ABF
Description  50 to 1000 Vo lts Forward Current - 5.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

S5ABF Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  S5ABF Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd S5ABF Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S5BBF
S5ABF
S5KBF
S5DBF
S5DB
S5JBF
S5GBF
S5ABF THRU S5MBF
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 5.0 Amperes
Note: 1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 0.5x0.5
”(12.7x12.7mm) copper pad areas
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
5.0
125
1.1
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=65 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 5.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
IR
5.0
150.0
R
θJA
CJ
TJ,TSTG
40
45
-55 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 2)
C/W
Typical junction capacitance (NOTE 1)
S5MBF
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
MDD Catalog Number
Dimensions in inches and (millimeters)
SMBF
Cathode Band
Top View
0.165(4.2)
0.173(4.4)
0.216(5.5)
0.200(5.1)
0.146(3.70)
0.138(3.50)
0.075(1.90)
0.086(2.20)
0.051(1.30)
0.043(1.10)
0.010(0.26)
0.0071(0.18)
0.051(1.30)
0.039(1.0)
FEATURES
For surface mounted applications
Low profile package
Glass Passivated Chip Junction
Lead free in comply with EU RoHS 2011/65/EU diretives
Easy to pick and place
MECHANICAL DATA
Case: JEDEC SMBF molded plastic body
Terminals: leads solderable per MIL-STD-750,
Method 2026
Mounting Position: Any
Weight:57mg/0.002oz
Marking code
S5AB
S5BB
S5GB
S5JB
S5KB
S5MB


Similar Part No. - S5ABF

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
S5ABF SUNMATE-S5ABF Datasheet
415Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
logo
Jiangsu High diode Semi...
S5ABF HDSEMI-S5ABF Datasheet
1Mb / 4P
SMBF Plastic-Encapsulate Diodes
logo
Zibo Seno Electronic En...
S5ABF ZSELEC-S5ABF Datasheet
96Kb / 2P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Guangdong Juxing Electr...
S5ABF JUXING-S5ABF Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
logo
Shanghai Yint Electroni...
S5ABF YINT-S5ABF Datasheet
493Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - S5ABF

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
BY550-50 DAESAN-BY550-50 Datasheet
299Kb / 2P
CURRENT 5.0 Amperes VOLTAGE 50 to 1000 Volts
HER501 DAESAN-HER501 Datasheet
287Kb / 2P
CURRENT 5.0 Amperes VOLTAGE 50 to 1000 Volts
MR820 DAESAN-MR820 Datasheet
275Kb / 2P
CURRENT 5.0 Amperes VOLTAGE 50 to 800 Volts
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51_15 Datasheet
156Kb / 2P
Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 5.0 Amperes
BY500-50 GOOD-ARK-BY500-50_15 Datasheet
158Kb / 2P
Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 5.0 Amperes
logo
Microdiode Semiconducto...
RC201 CHENDA-RC201 Datasheet
602Kb / 2P
SILICON BRIDGE RECTIFIERS Reverse Voltage - 50 to 1000 Vo lts Forward Current - 2.0 Amperes
RS5ABF CHENDA-RS5ABF Datasheet
609Kb / 2P
50 to 1000 Vo lts Forward Current - 5.0 Amperes
S1ABF CHENDA-S1ABF Datasheet
686Kb / 2P
50 to 1000 Volts Forward Current
logo
First Silicon Co., Ltd
ES5A FS-ES5A Datasheet
114Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 5.0 Amperes
logo
Rectron Semiconductor
HER501G RECTRON-HER501G Datasheet
140Kb / 6P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 5.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com