Electronic Components Datasheet Search
  English  ▼

X  

SF810 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SF810
Description  100 to 600 Volts Forward Current - 8 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SF810 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SF810 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SF810 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF810 THRU SF860
ULTRAFAST RECOVERY RECTIFIERS
Reverse Voltage - 100 to 600 Volts
Forward Current - 8 Amperes
Case: TO-220AC molded plastic body
Terminals: Leads solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight:0.064 ounce, 1.81 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Construction utilizes void-free
molded plastic technique
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C,0.25”(6.35mm) from case for 10 seconds
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note:
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
100
70
100
200
140
200
300
210
300
400
280
400
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
8
90
1.3
Maximum Reverse Recovery Time(Note1)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 8A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
Typical junction capacitance
IR
10
R
θJC
CJ
Trr
TSTG
5
50
pF
nS
uA
Maximum thermal resistance (NOTE 2)
C/W
600
420
600
Operating Junction and Storage temperature range
C
-55 to +150
500
1
1.7
80
SF810
SF830
SF820
SF840
SF860
Dimensions in inches and (millimeters)
TO-220AC
0.160 (4.05)
0.140 (3.55)
0.105 (2.67)
0.095 (2.41)
0.205 (5.20)
0.195 (4.95)
0.037(0.94)
0.027(0.68)
0.635(16.13)
0.625(15.87)
0.113(2.87)
0.103(2.62)
0.154(3.91)
0.148(3.74)
0.415(10.54)
MAX
0.410(10.41)
0.390(9.91)
0.145(3.68)
0.135(3.43)
0.350(8.89)
0.330(8.38)
1.148(29.16)
1.118(28.40)
0.590(14.22)
0.530(13.46)
0.022(0.58)
0.014(0.35)
0.110(2.79)
0.100(2.54)
0.560(14.2)
0.530(13.4)
0.057(1.45)
0.051(1.30)
0.185(4.70)
0.175(4.44)
PIN 1
PIN 2
CASE
1
2
PIN
DIA
MDD Catalog Number
500
350
500
SF850
TJ,
1.. Reverse
Rcovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A.
2.. Thermal resistance from Junction to ambient and from junction to lead 0.375” (9.5mm) P.C.B mounte
35


Similar Part No. - SF810

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SF810 DYELEC-SF810 Datasheet
673Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
SF810 ZSELEC-SF810 Datasheet
97Kb / 2P
8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
SF810A ASEMI-SF810A Datasheet
292Kb / 2P
8A super fast recovery diode
2018.11 Rev.3.1
logo
Shenzhen Luguang Electr...
SF810F LUGUANG-SF810F Datasheet
177Kb / 2P
Super Fast Rectifiers
More results

Similar Description - SF810

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
MUR810 CHENDA-MUR810 Datasheet
753Kb / 2P
100 to 600 Volts Forward Current - 8 Amperes
MUR1010 CHENDA-MUR1010 Datasheet
957Kb / 2P
100 to 600 Volts Forward Current - 10 Amperes
MUR1010CT CHENDA-MUR1010CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 10 Amperes
MUR1610CT CHENDA-MUR1610CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 16 Amperes
MUR2010CT CHENDA-MUR2010CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 20 Amperes
SF1010 CHENDA-SF1010 Datasheet
958Kb / 2P
100 to 600 Volts Forward Current - 10 Amperes
SF1010CT CHENDA-SF1010CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 10 Amperes
SF1610CT CHENDA-SF1610CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 16 Amperes
SF2010CT CHENDA-SF2010CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 20 Amperes
MURF810 CHENDA-MURF810 Datasheet
754Kb / 2P
100 to 600 Volts Forward Current - 8 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com