Electronic Components Datasheet Search
  English  ▼

X  

SF1040CT Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SF1040CT
Description  100 to 600 Volts Forward Current - 10 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SF1040CT Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SF1040CT Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SF1040CT Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF1020CT
SF1010CT THRU SF1060CT
ULTRAFAST RECOVERY RECTIFIERS
Reverse Voltage - 100 to 600 Volts
Forward Current - 10 Amperes
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Construction utilizes void-free
molded plastic technique
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C,0.25”(6.35mm) from case for 10 seconds
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note:
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
100
70
100
200
140
200
300
210
300
400
280
400
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
10
90
1.3
Maximum Reverse Recovery Time(Note1)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 5A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
Typical junction capacitance
IR
10
R
θJC
CJ
Trr
TSTG
3.5
pF
nS
uA
Maximum thermal resistance (NOTE 2)
C/W
600
420
600
Operating Junction and Storage temperature range
C
-55 to +150
500
1
1.7
170
SF1010CT
SF1030CT SF1040CT
SF1060CT
MDD Catalog Number
500
350
500
SF1050CT
TJ,
1.. Reverse
Rcovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A.
2.. Thermal resistance from Junction to ambient and from junction to lead 0.375” (9.5mm) P.C.B mounte
35
130
Dimensions in inches and (millimeters)
TO-220AB
0.160 (4.05)
0.140 (3.55)
0.105 (2.67)
0.095 (2.41)
0.205 (5.20)
0.195 (4.95)
0.037(0.94)
0.027(0.68)
0.105 (2.67)
0.095 (2.41)
0.635(16.13)
0.625(15.87)
0.113(2.87)
0.103(2.62)
0.154(3.91)
0.148(3.74)
0.415(10.54)
MAX
0.410(10.41)
0.390(9.91)
0.145(3.68)
0.135(3.43)
0.350(8.89)
0.330(8.38)
1.148(29.16)
1.118(28.40)
0.590(14.22)
0.530(13.46)
0.022(0.58)
0.014(0.35)
0.110(2.79)
0.100(2.54)
0.560(14.2)
0.530(13.4)
0.057(1.45)
0.051(1.30)
0.185(4.70)
0.175(4.44)
PIN 1
PIN 3
PIN 2
CASE
1
2
3
PIN
DIA
Case: TO-220AB molded plastic body
Terminals: Leads solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight:0.080 ounce, 2.24 grams


Similar Part No. - SF1040CT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SF1040CT GULFSEMI-SF1040CT Datasheet
103Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:10.0A
logo
Formosa MS
SF1040CT FORMOSA-SF1040CT Datasheet
101Kb / 6P
Super Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
SF1040CT DYELEC-SF1040CT Datasheet
1Mb / 3P
ULTRAFAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
SF1040CT ZSELEC-SF1040CT Datasheet
100Kb / 2P
10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results

Similar Description - SF1040CT

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
MUR810 CHENDA-MUR810 Datasheet
753Kb / 2P
100 to 600 Volts Forward Current - 8 Amperes
MUR1010 CHENDA-MUR1010 Datasheet
957Kb / 2P
100 to 600 Volts Forward Current - 10 Amperes
MUR1010CT CHENDA-MUR1010CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 10 Amperes
MUR1610CT CHENDA-MUR1610CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 16 Amperes
MUR2010CT CHENDA-MUR2010CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 20 Amperes
SF810 CHENDA-SF810 Datasheet
753Kb / 2P
100 to 600 Volts Forward Current - 8 Amperes
SF1010 CHENDA-SF1010 Datasheet
958Kb / 2P
100 to 600 Volts Forward Current - 10 Amperes
SF1610CT CHENDA-SF1610CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 16 Amperes
SF2010CT CHENDA-SF2010CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 20 Amperes
MURF810 CHENDA-MURF810 Datasheet
754Kb / 2P
100 to 600 Volts Forward Current - 8 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com