Electronic Components Datasheet Search
  English  ▼

X  

EC95809 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC95809
Description  3-Pin Microprocessor Reset Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC95809 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC95809 Datasheet HTML 1Page - E-CMOS Corporation EC95809 Datasheet HTML 2Page - E-CMOS Corporation EC95809 Datasheet HTML 3Page - E-CMOS Corporation EC95809 Datasheet HTML 4Page - E-CMOS Corporation EC95809 Datasheet HTML 5Page - E-CMOS Corporation EC95809 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 6
4J20N-Rev.F003
3-Pin Microprocessor Reset Monitor
EC95809
Ordering Information
Marking Information(SOT23-3L)
Device
Voltage
Detection
Marking
Information
Package
Type
Remarks
EC95809NLB1R
4.63V
S809La
SOT23-3L
1. Starting with S,a bar on top of S is for
production year 2013,and underlined S
is for 2014.The next character is
marked .on top for 2015 and underlined
for 2016.The naming pattern continues
with consecutive characters for last year.
2. the 5
th character denotes a suffix for VCC
threshold.
3. The last character is the week code
(A-Z:1-26;a-z:27-25).
*A dot on top right corner is for lead-free.
Non-dot on top right corner is for Green.
EC95809NMB1R
4.38V
S809Ma
EC95809NJB1R
4.00V
S809Ja
EC95809NTB1R
3.08V
S809Ta
EC95809NSB1R
2.93V
S809Sa
EC95809NRB1R
2.63V
S809Ra
PIN DESCRIPTION:
Symbol
Description
GND
Ground
RESET
RESET output remains low while Vcc is below the reset voltage
threshold and for 150msec(typ) after Vcc rises above reset threshold
Vcc
Supply Voltage (typ.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com