Electronic Components Datasheet Search
  English  ▼

X  

ECT25S16 Datasheet(PDF) 16 Page - E-CMOS Corporation

Part # ECT25S16
Description  16M BIT SPI NOR FLASH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S16 Datasheet(HTML) 16 Page - E-CMOS Corporation

Back Button ECT25S16 Datasheet HTML 12Page - E-CMOS Corporation ECT25S16 Datasheet HTML 13Page - E-CMOS Corporation ECT25S16 Datasheet HTML 14Page - E-CMOS Corporation ECT25S16 Datasheet HTML 15Page - E-CMOS Corporation ECT25S16 Datasheet HTML 16Page - E-CMOS Corporation ECT25S16 Datasheet HTML 17Page - E-CMOS Corporation ECT25S16 Datasheet HTML 18Page - E-CMOS Corporation ECT25S16 Datasheet HTML 19Page - E-CMOS Corporation ECT25S16 Datasheet HTML 20Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 16 of 45
5B05N-Rev.F001
ECT25S16
16M BIT SPI NOR FLASH
Configuration and Status Instructions
Write Enable (06H)
See Figure 5, the Write Enable instruction is for setting the Write Enable Latch bit.
The Write Enable Latch bit must be set prior to every Page Program, Sector Erase, Block
Erase,Chip Eraseand Write Status Register instruction.The Write Enable instruction
sequence:/CS goes low sending the Write Enable instruction /CS goes high.
Figure 5. Write Enable Sequence Diagram
Write Disable (04H)
See Figure 6, the Write Disable instruction is for resetting the Write Enable Latch bit. The Write
Disable instruction sequence: /CS goes low
Sending the Write Disable instruction /CS goes
high.The WEL bit is reset by following condition:Power-up and upon completion of the Write
status Register, Page Program, Sector Erase, Block Erase and Chip Erase instructions.
Figure 6. Write Disable Sequence Diagram
Read Status Register (05H or 35H)
See Figure7 the Read Status Register (RDSR) instruction is for reading the Status Register.
The Status Register maybe read at any time, even while a Program, Erase or Write Status
Register cycle is in progress. When one of these cycles is in progress, it is recommended to
check the Write in Progress (WIP) bit before sending a new instruction to the device. It is also
possible to read the Status Register continuously. For instruction co
de “05H”, the SO will
output Status Register bits
S7~S0. The instruction code “35H”, the SO will output Status
Register bits S15~S8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com