Electronic Components Datasheet Search
  English  ▼

X  

ECV358 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # ECV358
Description  1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECV358 Datasheet(HTML) 2 Page - E-CMOS Corporation

  ECV358 Datasheet HTML 1Page - E-CMOS Corporation ECV358 Datasheet HTML 2Page - E-CMOS Corporation ECV358 Datasheet HTML 3Page - E-CMOS Corporation ECV358 Datasheet HTML 4Page - E-CMOS Corporation ECV358 Datasheet HTML 5Page - E-CMOS Corporation ECV358 Datasheet HTML 6Page - E-CMOS Corporation ECV358 Datasheet HTML 7Page - E-CMOS Corporation ECV358 Datasheet HTML 8Page - E-CMOS Corporation ECV358 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1MHz, 1.8V, CMOS,
Rail-to-Rail Dual Operational Amplifier
ECV358
E-CMOS Corp. (www.ecmos.com.tw)
4A07N-Rev.P001
Page 2 of 13
Ordering Information
Part Number
Package
Marking
Marking Information
ECV358NNM1R
SOP-8L
ECV358
LLLLL
YYWWT
1. LLLLL:Last five Number of Lot No
2. YY:Year Code
3. WW:Week Code
4. T:Internal Tracking Code
ECV358NNR1R
MSOP-8L
Application Information
Size
ECV358 series op amps are unity-gain stable and suitable for a wide range of general-purpose applications. The
small footprints of the ECV358 series packages save space on printed circuit boards and enable the design of
smaller electronic products.
Power Supply Bypassing and Board Layout
ECV358 series operates from a single 1.8V to 5.5V supply or dual ±0.9V to ±2.75V supplies. For best performance, a
0.1μF ceramic capacitor should be placed close to the VDD pin in single supply operation. For dual supply operation,
both VDD and VSS supplies should be bypasse
d to ground with separate 0.1μFceramic capacitors.
Low Supply Current
The low supply current (typical 110
μA) of ECV358 series will help to maximize battery life. They are ideal for battery
powered Systems
Operating Voltage
ECV358 series operate under wide input supply voltage (1.8V to 5.5V). In addition, all temperature specifications
apply from -40℃ to +125℃. Most behavior remains unchanged throughout the full operating voltage range. These
guarantees ensure operation throughout the single Li-Ion battery lifetime.
ECV358NN XX X
M1:SOP-8L
R1:MSOP-8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com