Electronic Components Datasheet Search
  English  ▼

X  

B16WS Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # B16WS
Description  60 Volts Forward Current - 1.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

B16WS Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  B16WS Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd B16WS Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES B16WS
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Fig.2 Typical Reverse Characteristics
10
20
40
60
0
T =25
J
°C
T =100
J
°C
Percent of Rated Peak Reverse Voltage
(%)
80
1
10
100
1000
10000
Fig.1 Power Derating Curve
50
100
150
200
250
300
0
25
50
75
100
125
150
Single phase half-wave 60 Hz
resistive or inductive load
Ambient temperture Ta (
°C)
Fig.3 TYPICAL FORWARD VOLTAGE
0.1 0.2 0.3
0.4
0
INSTANTANEOUS FORWARD VOLTAGE ( V)
0.5
10
100
1000
0
Fig.4 Typical Junction Capacitance
0.1
Reverse Voltage (V)
10
120
150
100
110
100
1
1.0
0.7
0.6
0.9
0.8
T =100
a
°C
T =25
a
°C
T =25
a
°C
T =25
a
°C
f=1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com