Electronic Components Datasheet Search
  English  ▼

X  

ELP3301 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # ELP3301
Description  1.2MHz,30V/1A High Performance, Boost Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ELP3301 Datasheet(HTML) 4 Page - E-CMOS Corporation

  ELP3301 Datasheet HTML 1Page - E-CMOS Corporation ELP3301 Datasheet HTML 2Page - E-CMOS Corporation ELP3301 Datasheet HTML 3Page - E-CMOS Corporation ELP3301 Datasheet HTML 4Page - E-CMOS Corporation ELP3301 Datasheet HTML 5Page - E-CMOS Corporation ELP3301 Datasheet HTML 6Page - E-CMOS Corporation ELP3301 Datasheet HTML 7Page - E-CMOS Corporation ELP3301 Datasheet HTML 8Page - E-CMOS Corporation ELP3301 Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELP3301
E-CMOS Corp. (www.ecmos.com.tw)
5K06N-Rev. F001
1.2MHz,30V/1A High Performance, Boost Converter
4/9
Absolute Maximum Ratings
◆ Supply Input Voltage--------------------------------------------------------------------------------------------------−0.3V to 6.0V
◆ LX Input Voltage --------------------------------------------------------------------------------------------------------−0.3V to 30V
◆ The Other Pins ----------------------------------------------------------------------------------------------------------−0.3V to 5.5V
◆ Power Dissipation, PD @ TA = 25°C TSOT-23-5/6---- ---------------------------------------------------------------0.455W
◆ Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------------- 260°C
◆ Operation Temperature Range ----------------------------------------------------------------------------------−40°C to 80°C
◆ Storage Temperature Range ------------------------------------------------------------------------------------−65°C to 150°C
Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Typ.
Max
Units
System Supply Input
Operation voltage Range
VDD
2.7
5.5
V
Under Voltage Lock Out
VDD
2.2
2.4
2.6
V
Supply Current
IDD
FB=1.2V, Switch
430
550
uA
Shut Down Current
IDD
VEN < 0.4V
0.1
1
uA
Line Regulation
VIN : 3.0~4.3V
2
%
Oscillator
Operation Frequency
FOSC
1.2
MHz
Maximum Duty Cycle
93
%
Feedback Voltage
ELP3301
1.22
1.25
1.28
V
MOSFET
On Resistance of MOSFET
RDS(ON)
0.4
SW Current Limit
ILM
1
A
Protection
Shut Down Voltage
VEN
0.3
V
Enable on Voltage
VEN
1.0
V
ELP6230A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com