Electronic Components Datasheet Search
  English  ▼

X  

PME271 Datasheet(PDF) 3 Page - Kemet Corporation

Part # PME271
Description  EMI suppressor, classes X1, X2 and Y2, metallized paper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PME271 Datasheet(HTML) 3 Page - Kemet Corporation

  PME271 Datasheet HTML 1Page - Kemet Corporation PME271 Datasheet HTML 2Page - Kemet Corporation PME271 Datasheet HTML 3Page - Kemet Corporation PME271 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
122
PME271
ARTICLE TABLE
Quantity per package
Approvals
Capaci- Max dimensions
reel
Max
tance
in mm
R30
R06
taped
Weight
f
O
dU/dt
Article code
µF
B
H
L
p
pcs
pcs
pcs
g
MHz
V/µs
1 st block
0.0010
3.9
7.5
13.5 10.2
1000
2000
700
0.7
53.0
2000
√ √ √ √ √ √ √ √ √
PME271Y410M
0.0015
3.9
7.5
13.5 10.2
1000
2000
700
0.7
44.0
2000
√ √ √ √ √ √ √ √ √
PME271Y415M
0.0022
3.9
7.5
13.5 10.2
1000
2000
700
0.7
37.0
2000
√ √ √ √ √ √ √ √ √
PME271Y422M
0.0033
4.1
8.2
13.5 10.2
1000
2000
600
0.9
30.0
2000
√ √ √ √ √ √ √ √ √
PME271Y433M
0.0047
5.1
10.5
13.5 10.2
800
1600
600
1.2
24.0
2000
√ √ √ √ √ √ √ √ √
PME271Y447M
0.0068
5.2
10.5
18.5 15.2
500
1000
600
1.7
18.5
1400
√ √ √ √ √ √ √ √ √ *) PME271Y468M
0.010
5.2
10.5
18.5 15.2
500
1000
600
1.7
15.5
1400
√ √ √ √ √ √ √ √ √ *) PME271Y510M
0.015
5.5
11.1
18.5 15.2
500
1000
500
2.0
13.0
1400
√ √ √ √ √ √ √ √ √ *) PME271Y515M
0.022
7.3
13.0
19.0 15.2
400
800
400
3.0
9.8
1400
√ √ √ √ √ √ √ √ √ *) PME271Y522M
0.033
7.6
14.0
24.0 20.3
250
1500
250
4.0
7.0
1000
√ √ √ √ √ √ √ √ √ *) PME271Y533M
0.047
9.0
15.0
24.0 20.3
200
1200
250
5.0
6.0
1000
√ √ √ √ √ √ √ √ √ *) PME271Y547M
0.068
11.3
16.5
24.0 20.3
150
1000
180
7.0
4.6
600
√ √ √ √ √ √ √ √ √ *) PME271Y568M
0.10
12.1
19.0
30.5 25.4
100
800
10.0
3.9
400
√ √ √ √ √ √ √ √ √
PME271Y610M
CLASS Y2 300 VAC + 115 °C PME271 Y
0.0010
3.9
7.5
13.5 10.2
1000
2000
700
0.7
53.0
2000
√
P
P P
PME271YA4100M
0.0015
3.9
7.5
13.5 10.2
1000
2000
700
0.7
44.0
2000
√
P
P P
PME271YA4150M
0.0022
3.9
7.5
13.5 10.2
1000
2000
700
0.7
37.0
2000
√
P
P P
PME271YA4220M
0.0025
4.1
8.2
13.5 10.2
1000
2000
600
0.9
35.0
2000
√
P
P P
PME271YA4250M
0.0033
4.1
8.2
13.5 10.2
1000
2000
600
0.9
30.0
2000
√
P
P P
PME271YA4330M
0.0047
5.1
10.5
13.5 10.2
800
1600
600
1.2
24.0
2000
√
P
P P
PME271YA4470M
0.0068
5.2
10.5
18.5 15.2
500
1000
600
1.7
18.5
1400
√
P
P P
*) PME271YB4680M
0.010
5.2
10.5
18.5 15.2
500
1000
600
1.7
15.5
1400
√
P
P P
*) PME271YB5100M
0.015
5.5
11.0
18.5 15.2
500
1000
500
2.0
13.0
1400
√
P
P P
*) PME271YB5150M
0.022
7.3
13.0
18.5 15.2
400
800
400
3.0
9.8
1400
√
P
P P
*) PME271YB5220M
0.033
7.6
14.0
24.0 20.3
250
1500
250
4.0
7.0
1000
√
P
P P
*) PME271YC5330M
0.047
9.0
15.0
24.0 20.3
200
1200
250
5.0
6.0
1000
√
P
P P
*) PME271YC5470M
0.068
11.3
16.5
24.0 20.3
150
1000
180
7.0
4.6
1000
√
P
P P
*) PME271YC5680M
0.033
8.0
17.0
27.0 22.5
200
1200
250
5.5
6.8
600
√
P
P P
PME271YD5330M
0.047
8.0
17.0
27.0 22.5
200
1200
250
5.5
5.8
600
√
P
P P
PME271YD5470M
0.068
10.0
19.0
27.0 22.5
150
1000
250
7.5
4.8
600
√
P
P P
PME271YD5680M
0.10
12.0
22.0
27.0 22.5
100
800
10.0
3.8
600
√
P
P P
PME271YD6100M
0.10
12.1
19.0
30.5 25.4
100
800
10.0
3.9
400
√
P
P P
PME271YE6100M
0.15
15.3
22.0
30.5 25.4
75
600
15.0
3.1
400
√
P
P P
PME271YE6150K
*) Also available with insulated leads (code S in ordering info.)
P = Approvals pending
CLASS Y2 250 VAC +100 °C PME271 Y



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com