Electronic Components Datasheet Search
  English  ▼

X  

LT1933 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1933
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1933 Datasheet HTML 8Page - Linear Technology LT1933 Datasheet HTML 9Page - Linear Technology LT1933 Datasheet HTML 10Page - Linear Technology LT1933 Datasheet HTML 11Page - Linear Technology LT1933 Datasheet HTML 12Page - Linear Technology LT1933 Datasheet HTML 13Page - Linear Technology LT1933 Datasheet HTML 14Page - Linear Technology LT1933 Datasheet HTML 15Page - Linear Technology LT1933 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1933
1933f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
PART NUMBER
DESCRIPTION
COMMENTS
LT1074/LT1074HV 4.4A IOUT, 100kHz, High Efficiency Step-Down
VIN: 7.3V to 45V/64V, VOUT(MIN) = 2.21V, IQ = 8.5mA, ISD = 10µA,
DC/DC Converter
DD-5/DD-7, TO220-5/ TO220-7 Packages
LT1076/LT1076HV 1.6A IOUT, 100kHz, High Efficiency Step-Down
VIN: 7.3V to 45V/64V, VOUT(MIN) = 2.21V, IQ = 8.5mA, ISD = 10µA,
DC/DC Converter
DD-5/DD-7, TO220-5/ TO220-7 Packages
LT1676
60V, 440mA IOUT, 100kHz, High Efficiency Step-Down
VIN: 7.4V to 60V, VOUT(MIN) = 1.24V, IQ = 3.2mA, ISD = 2.5µA,
DC/DC Converter
S8 Package
LT1765
25V, 2.75A IOUT, 1.25MHz, High Efficiency Step-Down
VIN: 3V to 25V, VOUT(MIN) = 1.2V, IQ = 1mA, ISD = 15µA,
DC/DC Converter
S8, TSSOP16E Packages
LT1766
60V, 1.2A IOUT, 200kHz, High Efficiency Step-Down
VIN: 5.5V to 60V, VOUT(MIN) = 1.2V, IQ = 2.5mA, ISD = 25µA,
DC/DC Converter
TSSOP16/TSSOP16E Packages
LT1767
25V, 1.2A IOUT, 1.25MHz, High Efficiency Step-Down
VIN: 3V to 25V, VOUT(MIN) = 1.2V, IQ = 1mA, ISD = 6µA,
DC/DC Converter
MS8/MS8E Packages
LT1776
40V, 550mA IOUT, 200kHz, High Efficiency Step-Down
VIN: 7.4V to 40V, VOUT(MIN) = 1.24V, IQ = 3.2mA, ISD = 30µA,
DC/DC Converter
N8, S8 Packages
LT1940
25V, Dual 1.4A IOUT, 1.1MHz, High Efficiency Step-Down
VIN: 3.6V to 25V, VOUT(MIN) = 1.25V, IQ = 3.8mA, ISD = <30µA,
DC/DC Converter
TSSOP16E Package
LT1956
60V, 1.2A IOUT, 500kHz, High Efficiency Step-Down
VIN: 5.5V to 60V, VOUT(MIN) = 1.2V, IQ = 2.5mA, ISD = 25µA,
DC/DC Converter
TSSOP16/TSSOP16E Packages
LT1976
60V, 1.2A IOUT, 200kHz, High Efficiency Step-Down
VIN: 3.3V to 60V, VOUT(MIN) = 1.2V, IQ = 100µA, ISD = <1µA,
DC/DC Converter with Burst-Mode
®
TSSOP16E Package
LT3010
80V, 50mA, Low Noise Linear Regulator
VIN: 1.5V to 80V, VOUT(MIN) = 1.28V, IQ = 30µA, ISD = <1µA,
MS8E Package
LT3407
Dual 600mA IOUT, 1.5MHz, Synchronous Step-Down
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 40µA, ISD = <1µA,
DC/DC Converter
MS10E Package
LT3412
2.5A IOUT, 4MHz, Synchronous Step-Down DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60µA, ISD = <1µA,
TSSOP16E Package
LTC3414
4A IOUT, 4MHz, Synchronous Step-Down DC/DC Converter
VIN: 2.3V to 5.5V, VOUT(MIN) = 0.8V, IQ = 64µA, ISD = <1µA,
TSSOP20E Package
LT3430/LT3431
60V, 2.75A IOUT, 200kHz/500kHz, High Efficiency Step-Down
VIN: 5.5V to 60V, VOUT(MIN) = 1.2V, IQ = 2.5mA, ISD = 30µA,
DC/DC Converter
TSSOP16E Package
RELATED PARTS
VIN
3.6V TO 36V
OFF ON
C3
0.47µF
D2
L1
15µH
R2
10k
R1
10.5k
C1
22µF
1933 TA03
C2
2.2µF
VOUT
2.5V/500mA
VIN
BOOST
GND
FB
SHDN
SW
LT1933
D1
5
4
1
6
23
2.5V Step-Down Converter
TYPICAL APPLICATIO S
LT/TP 0704 1K • PRINTED IN USA
Burst Mode is a registered trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com