Electronic Components Datasheet Search
  English  ▼

X  

LF256H Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF256H
Description  JFET Input Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF256H Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LF256H Datasheet HTML 15Page - National Semiconductor (TI) LF256H Datasheet HTML 16Page - National Semiconductor (TI) LF256H Datasheet HTML 17Page - National Semiconductor (TI) LF256H Datasheet HTML 18Page - National Semiconductor (TI) LF256H Datasheet HTML 19Page - National Semiconductor (TI) LF256H Datasheet HTML 20Page - National Semiconductor (TI) LF256H Datasheet HTML 21Page - National Semiconductor (TI) LF256H Datasheet HTML 22Page - National Semiconductor (TI) LF256H Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Typical Applications (Continued)
High Accuracy Sample and Hold
00564627
•
By closing the loop through A2, the V
OUT accuracy will be determined uniquely by A1.
No V
OS adjust required for A2.
•
T
A can be estimated by same considerations as previously but, because of the added
propagation delay in the feedback loop (A2) the overshoot is not negligible.
•
Overall system slower than fast sample and hold
•
R1, C
C: additional compensation
•
Use LF156 for
j Fast settling time
j Low VOS
High Q Band Pass Filter
00564628
•
By adding positive feedback (R2)
•
Q increases to 40
•
f
BP = 100 kHz
•
Clean layout recommended
•
Response to a 1Vp-p tone burst: 300µs
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com