Electronic Components Datasheet Search
  English  ▼

X  

LT3433 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3433
Description  High Voltage Step-Up/Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3433 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3433 Datasheet HTML 4Page - Linear Technology LT3433 Datasheet HTML 5Page - Linear Technology LT3433 Datasheet HTML 6Page - Linear Technology LT3433 Datasheet HTML 7Page - Linear Technology LT3433 Datasheet HTML 8Page - Linear Technology LT3433 Datasheet HTML 9Page - Linear Technology LT3433 Datasheet HTML 10Page - Linear Technology LT3433 Datasheet HTML 11Page - Linear Technology LT3433 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT3433
3433ia
Ripple current:
∆=
+
() −
()
−
I
VV
DC
Lf
LP P
OUT
F
O
()
•
•
21
Inductor Selection
The primary criterion for inductor value selection in LT3433
applications is the ripple current created in that inductor.
Design considerations for ripple current are the amount of
output ripple and the ability of the internal slope compen-
sation waveform to prevent current mode instability.
The LT3433 maximizes available dynamic range using a
slope compensation generator that generates a continu-
ously increasing slope as duty cycle increases. The slope
compensation waveform is calibrated at 80% duty cycle to
compensate for ripple currents up to 12.5% of IMAX, or
~ 60mA.
Ripple current can be calculated as:
∆=
+
() −
()
−
I
VV
DC
Lf
LP P
OUT
F
O
()
•
•
21
This relation can be used to determine minimum induc-
tance sizes for various values of VOUT using the DC = 80%
calibration:
LMIN = (VOUT + 1.5V) • (1 – 0.8) 60mA • 200kHz)
VOUT
LMIN
4V
92
µH
5V
108
µH
9V
175
µH
12V
225
µH
APPLICATIO S I FOR ATIO
Discontinuous operation occurs when the ripple current in
the inductor is greater than twice the load current (ILOAD)
in buck mode, or greater than ILOAD/(1 – DC) during
bridged mode. Current mode instability is not a concern
during discontinuous operation so inductor values smaller
than LMIN can be used. If such a small inductor is used,
however, it must be assured that the converter never
enters continuous operation at duty cycles greater than
50% to prevent current mode instability.
Design Example
VIN(MIN) = 4V, VOUT = 5V, L = 150µH
Using VF = 0.75V yields:
DC = (VOUT + 2VF)/(VOUT + VIN + 2VF – VSWH – VSWL)
= (5V + 1.5V)/(4V + 5V + 1.5V – 0.6V – 0.5V)
= 0.69
∆IL = (VOUT + 2VF) • (1 – DC) • (L • f0)–1
= (5V + 1.5V) • (1 – 0.69) • (150
µH • 200kHz)–1
= 67mA
ILOAD(MAX) = ISW(MAX) • (1 – 1.1 • DC)
= [0.5A – (1/2 • 0.07)](1 – 1.1 • 0.69) = 0.112A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com