Electronic Components Datasheet Search
  English  ▼

X  

LF356H Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF356H
Description  JFET Input Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF356H Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LF356H Datasheet HTML 9Page - National Semiconductor (TI) LF356H Datasheet HTML 10Page - National Semiconductor (TI) LF356H Datasheet HTML 11Page - National Semiconductor (TI) LF356H Datasheet HTML 12Page - National Semiconductor (TI) LF356H Datasheet HTML 13Page - National Semiconductor (TI) LF356H Datasheet HTML 14Page - National Semiconductor (TI) LF356H Datasheet HTML 15Page - National Semiconductor (TI) LF356H Datasheet HTML 16Page - National Semiconductor (TI) LF356H Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Typical Applications (Continued)
Low Drift Adjustable Voltage Reference
00564620
•
∆ V
OUT/∆T= ±0.002%/˚C
•
All resistors and potentiometers should be wire-wound
•
P1: drift adjust
•
P2: V
OUT adjust
•
Use LF155 for
j Low IB
j Low drift
j Low supply current
Fast Logarithmic Converter
00564621
•
Dynamic range: 100µA
≤ I
i ≤ 1mA (5 decades), |VO| = 1V/decade
•
Transient response: 3µs for
∆I
i = 1 decade
•
C1, C2, R2, R3: added dynamic compensation
•
V
OS adjust the LF156 to minimize quiescent error
•
R
T: Tel Labs type Q81 + 0.3%/˚C
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com