Electronic Components Datasheet Search
  English  ▼

X  

LTC1966CMS8 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC1966CMS8
Description  Precision Micropower, SIGMA RMS-to-DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1966CMS8 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC1966CMS8 Datasheet HTML 24Page - Linear Technology LTC1966CMS8 Datasheet HTML 25Page - Linear Technology LTC1966CMS8 Datasheet HTML 26Page - Linear Technology LTC1966CMS8 Datasheet HTML 27Page - Linear Technology LTC1966CMS8 Datasheet HTML 28Page - Linear Technology LTC1966CMS8 Datasheet HTML 29Page - Linear Technology LTC1966CMS8 Datasheet HTML 30Page - Linear Technology LTC1966CMS8 Datasheet HTML 31Page - Linear Technology LTC1966CMS8 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
29
LTC1966
sn1966 1966fas
TYPICAL APPLICATIO S
±5V Supplies, Differential, DC-Coupled
RMS-to-DC Converter
VDD
5V
–5V
LTC1966
IN1
DC OUTPUT
CAVE
1
µF
IN2
1966 TA03
VOUT
DC + AC
INPUTS
(1VPEAK
DIFFERENTIAL)
OUT RTN
GND EN
VSS
2.7V Single Supply, Single Ended, AC-Coupled
RMS-to-DC Converter with Shutdown
VDD
2.7V
2.7V/3V CMOS
LTC1966
IN1
DC OUTPUT
CAVE
1
µF
CC
0.1
µF
IN2
1966 TA04
VOUT
AC INPUT
(1VPEAK)
OUT RTN
GND
EN
VSS
OFF
ON
5V Single Supply, Differential, AC-Coupled
RMS-to-DC Converter
VDD
5V
LTC1966
IN1
DC OUTPUT
CAVE
1
µF
CC
0.1
µF
IN2
1966 TA05
VOUT
AC INPUTS
(1VPEAK
DIFFERENTIAL)
OUT RTN
GND EN
VSS
V+
LTC1966
IN1
VOUT = 4mVDC/ARMS
CAVE
1
µF
0.1
µF
IN2
1966 TA08
VOUT
AC CURRENT
75A MAX
50Hz TO 400Hz
OUT RTN
GND EN
VSS
100k
100k
10
Ω
T1: CR MAGNETICS CR8348-2500-N
www.crmagnetics.com
T1
Single Supply RMS Current Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com