Electronic Components Datasheet Search
  English  ▼

X  

LF356N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF356N
Description  JFET Input Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF356N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LF356N Datasheet HTML 1Page - National Semiconductor (TI) LF356N Datasheet HTML 2Page - National Semiconductor (TI) LF356N Datasheet HTML 3Page - National Semiconductor (TI) LF356N Datasheet HTML 4Page - National Semiconductor (TI) LF356N Datasheet HTML 5Page - National Semiconductor (TI) LF356N Datasheet HTML 6Page - National Semiconductor (TI) LF356N Datasheet HTML 7Page - National Semiconductor (TI) LF356N Datasheet HTML 8Page - National Semiconductor (TI) LF356N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LF155/LF156/LF256/LF257/LF355/LF356/LF357
JFET Input Operational Amplifiers
General Description
These are the first monolithic JFET input operational ampli-
fiers to incorporate well matched, high voltage JFETs on the
same chip with standard bipolar transistors (BI-FET™ Tech-
nology). These amplifiers feature low input bias and offset
currents/low offset voltage and offset voltage drift, coupled
with offset adjust which does not degrade drift or
common-mode rejection. The devices are also designed for
high slew rate, wide bandwidth, extremely fast settling time,
low voltage and current noise and a low 1/f noise corner.
Features
Advantages
n
Replace expensive hybrid and module FET op amps
n
Rugged JFETs allow blow-out free handling compared
with MOSFET input devices
n
Excellent for low noise applications using either high or
low source impedance — very low 1/f corner
n
Offset adjust does not degrade drift or common-mode
rejection as in most monolithic amplifiers
n
New output stage allows use of large capacitive loads
(5,000 pF) without stability problems
n
Internal compensation and large differential input voltage
capability
Applications
n
Precision high speed integrators
n
Fast D/A and A/D converters
n
High impedance buffers
n
Wideband, low noise, low drift amplifiers
n
Logarithmic amplifiers
n
Photocell amplifiers
n
Sample and Hold circuits
Common Features
n
Low input bias current:
30pA
n
Low Input Offset Current:
3pA
n
High input impedance:
10
12
Ω
n
Low input noise current:
n
High common-mode rejection ratio:
100 dB
n
Large dc voltage gain:
106 dB
Uncommon Features
LF155/
LF355
LF156/
LF256/
LF356
LF257/
LF357
(A
V=5)
Units
j Extremely
fast settling
time to
0.01%
4
1.5
1.5
µs
j Fast slew
rate
5
12
50
V/µs
j Wide gain
bandwidth
2.5
5
20
MHz
j Low input
noise
voltage
20
12
12
Simplified Schematic
00564601
*3pF in LF357 series.
BI-FET™, BI-FET II™ are trademarks of National Semiconductor Corporation.
December 2001
© 2001 National Semiconductor Corporation
DS005646
www.national.com


Similar Part No. - LF356N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF356N STMICROELECTRONICS-LF356N Datasheet
250Kb / 14P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
Jul-1998
logo
National Semiconductor ...
LF356N NSC-LF356N Datasheet
543Kb / 15P
Series Monolithic JFET Input Operational Amplifiers
logo
Texas Instruments
LF356N TI-LF356N Datasheet
2Mb / 32P
LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
LF356N TI-LF356N Datasheet
2Mb / 32P
JFET Input Operational Amplifiers
LF356N TI1-LF356N Datasheet
2Mb / 43P
JFET Input Operational Amplifiers
More results

Similar Description - LF356N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081_04 Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
JFET-Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
JFET Input Operational Amplifiers
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com