Electronic Components Datasheet Search
  English  ▼

X  

ALN1810AT Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN1810AT
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN1810AT Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN1810AT Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN1810AT Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN1810AT Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN1810AT Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
June 2017
plerowTM ALN1810AT
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-20.4
-12.3
15.1
0.35
0.601
19.4
34.6
59
4.6
-20.6
-12.2
15.1
0.35
0.602
19.4
34.6
61
4.7
-20.9
-12.1
15.1
0.34
0.604
19.4
34.6
63
4.8
-21.2
-12.0
15.1
0.34
0.606
19.4
34.6
65
4.9
-21.3
-11.9
15.1
0.33
0.608
19.4
34.5
68
5.0
-21.5
-11.7
15.1
0.33
0.612
19.4
34.4
70
5.1
-21.8
-11.6
15.1
0.32
0.613
19.4
34.5
72
5.2
-22.0
-11.5
15.2
0.32
0.615
19.4
34.5
74
5.3
-22.2
-11.3
15.2
0.31
0.617
19.4
34.5
76
5.4
-22.5
-11.2
15.2
0.31
0.618
19.4
34.5
78
5.5
-22.6
-11.0
15.2
0.30
0.619
19.4
34.5
80
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-25.0
-10.3
16.2
0.27
0.362
19.9
33.4
68
- 20
C
-23.5
-10.9
16.0
0.29
0.423
19.8
34.5
69
0
C
-22.7
-11.6
15.9
0.31
0.492
19.7
35.3
69
25
C
-21.7
-11.5
15.7
0.33
0.612
19.4
34.4
70
40
C
-21.2
-11.5
15.6
0.33
0.697
19.3
32.7
69
60
C
-20.9
-11.4
15.5
0.33
0.794
19.1
32.6
69
80
C
-19.3
-11.1
15.3
0.33
0.883
18.9
32.5
68
100
C
-19.1
-11.0
15.2
0.34
0.960
18.6
32.9
66
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com